Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

777662-01 Datasheet(PDF) 2 Page - National Instruments Corporation

Part # 777662-01
Description  Digital Camera Image Acquisition
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

777662-01 Datasheet(HTML) 2 Page - National Instruments Corporation

  777662-01 Datasheet HTML 1Page - National Instruments Corporation 777662-01 Datasheet HTML 2Page - National Instruments Corporation 777662-01 Datasheet HTML 3Page - National Instruments Corporation 777662-01 Datasheet HTML 4Page - National Instruments Corporation 777662-01 Datasheet HTML 5Page - National Instruments Corporation 777662-01 Datasheet HTML 6Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BUY ONLINE at ni.com or C
ALL 800 813 3693 (U.S.)
2
Digital Camera Image Acquisition
Digital Image Acquisition
The PCI-1424 can acquire four channels of 8-bit data; two channels of 10-, 12-,
14-, or 16-bit data; or one channel of 24- or 32-bit data. The PCI-1422 can acquire
two channels of 8-bit data or one channel of 10-, 12-, 14-, or 16-bit data.
These boards have a serial interface and four TTL or differential digital control
lines for camera control. You can also use the adjustable onboard region of
interest (ROI) window to minimize the amount of data transferred to PC memory.
Digital Transfer Rates
The base memory configuration for the PCI-1424 is 16. You can use onboard
memory to buffer large images before transferring them to PC memory, which
increases the overall throughput. The PCI-1422 can acquire data into onboard
memory at a rate of up to 80 MB/s and transfer data to PC memory at a rate of
100 MB/s. The PCI-1424 can acquire data at 200 MB/s into onboard memory.
Onboard Image Preparation
The PCI-1424 has four 8-bit or two 16-bit lookup tables (LUTs) for mapping the
data from one value to another in real time. The PCI-1422 has two 8-bit or one
16-bit LUT(s) for mapping the data from one value to another in real time.
In addition, setting a rectangular ROI window reduces the overall data
across the PCI bus because the pixels outside the ROI are not transferred.
You can reduce the amount of data transferred across the PCI bus by scaling
or decimating the data in hardware. You can scale the image by keeping every
second, fourth, or eighth pixel.
Digital I/0
Four general-purpose, bidirectional TTL digital I/O lines are available for
triggering image acquisition.
PCI-1424 Signaling
The RS422/TTL version of the PCI-1424 can drive and receive either TTL or RS422
level signals. The driver software can access these signal levels independently
for data, control, and enable lines on the 100-pin connector. The LVDS (also
known as EIA-644) version can drive and receive LVDS and TTL signals. The
benefits of LVDS include less power consumption, longer cable lengths, less
noise, and higher clock rates.
NI PCI-1422 Signaling
One version of the PCI-1422 can receive RS422 data signals. It can also drive
and receive RS422 or TTL control and enable signals. NI Vision Acquisition
Software can access these signal levels independently for data, control, and
enable lines on the 100-pin connector. Another version of the PCI-1422 is
capable of receiving data from LVDS cameras. LVDS, also known as EIA-644,
is a low-voltage differential signal protocol similar to RS422 but with lower
voltage levels.
Multiple-Channel Data Formatter
The multiple-channel data formatting circuitry is fully programmable, so
you can simultaneously acquire from multiple channels to build up to the
complete image.
Advanced Clock Generation
The PCI-1424 has two clock outputs for generating a frequency from 500 kHz up
to 50 MHz for digital cameras that require an external clock. The PCI-1422 has
two clock outputs for generating a frequency from 500 kHz up to 40 MHz.
RS232 Serial Interface
RS232 serial lines are available on the 100-pin connector to control digital
cameras that have a serial interface.
Camera Cables
National Instruments offers 2 m cables for digital cameras, including models
by Basler, DALSA, Hamamatsu, Roper Scientific, and Pulnix. Extension cables
are also available (see the cable section). Contact National Instruments for
additional cabling options or visit ni.com/camera.
Advanced Triggering to Work with DAQ and Motion
NI vision products are designed to work with National Instruments data
acquisition (DAQ) and motion products. The RTSI bus on the PCI-1422 and
PCI-1424 routes timing and triggering signals between boards. The buses can
synchronize video acquisition between several image acquisition devices or
between image acquisition, data acquisition, and motion control devices.
I/O Connector Signals
The 100-pin SCSI connector connects to all digital video data inputs, digital
enable inputs, camera control outputs, RS232 serial interfaces, and the external
trigger signals.
Digital Trigger Accessory
The NI D2504-1, which has four BNC connectors for digital trigger lines, is
for use with National Instruments digital camera cables.


Similar Part No. - 777662-01

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
777660-0R3 NI-777660-0R3 Datasheet
823Kb / 4P
   Configurable Signal Conditioning Enclosure
777664-01 NI-777664-01 Datasheet
823Kb / 4P
   Configurable Signal Conditioning Enclosure
777665-01 NI-777665-01 Datasheet
446Kb / 4P
   Portable E Series Multifunction DAQ 12 or 16-Bit, up to 1.25 MS/s, 16 Analog Inputs
777665-01 NI-777665-01 Datasheet
823Kb / 4P
   Configurable Signal Conditioning Enclosure
777666-01 NI-777666-01 Datasheet
446Kb / 4P
   Portable E Series Multifunction DAQ 12 or 16-Bit, up to 1.25 MS/s, 16 Analog Inputs
More results

Similar Description - 777662-01

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NI1428 NI-NI1428 Datasheet
55Kb / 3P
   Camera Link Image Acquisition
PCIE-1429 NI-PCIE-1429 Datasheet
369Kb / 3P
   Full-Configuration Camera Link Image Acquisition
NIPCIE-1430 NI-NIPCIE-1430 Datasheet
145Kb / 4P
   Dual-Channel Camera Link Image Acquisition
NIPCI-8254R NI-NIPCI-8254R Datasheet
1Mb / 6P
   IEEE 1394 Image Acquisition with Digital I/O
logo
A1 PROs co., Ltd.
A88 A1PROS-A88 Datasheet
839Kb / 23P
   Digital Image Signal Processor (ISP) for Security Camera System
logo
National Instruments Co...
NI1409 NI-NI1409 Datasheet
475Kb / 3P
   4-Channel Monochrome Image Acquisition
logo
Rohm
BU6566GVW ROHM-BU6566GVW_09 Datasheet
431Kb / 17P
   Camera Image Processors Compatible with JPEG Image
logo
National Instruments Co...
PCIE-8231 NI-PCIE-8231 Datasheet
91Kb / 2P
   Image Acquisition from GigE Vision Cameras
logo
Sanyo Semicon Device
SIS3100 SANYO-SIS3100 Datasheet
96Kb / 4P
   Colro Image Sensor Camera Module?
logo
Rohm
BU1571KN ROHM-BU1571KN_10 Datasheet
236Kb / 9P
   Image Correction IC for Camera
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com