Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

778007-02 Datasheet(PDF) 1 Page - National Instruments Corporation

Part # 778007-02
Description  Controller Area Network (CAN) Interfaces
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

778007-02 Datasheet(HTML) 1 Page - National Instruments Corporation

  778007-02 Datasheet HTML 1Page - National Instruments Corporation 778007-02 Datasheet HTML 2Page - National Instruments Corporation 778007-02 Datasheet HTML 3Page - National Instruments Corporation 778007-02 Datasheet HTML 4Page - National Instruments Corporation 778007-02 Datasheet HTML 5Page - National Instruments Corporation 778007-02 Datasheet HTML 6Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Controller Area Network (CAN) Interfaces
NI CAN Series 2 Interfaces for PCI, PXI, and PCMCIA
• Hardware timing and synchronization
with NI data acquisition, vision,
and motion devices
• 100% bus load; for up to 1 Mb/s
• ISO 11898-compliant for standard
(11-bit) and extended (29-bit)
arbitration IDs
• Philips SJA1000 CAN controller
• Available in high-speed,
low-speed/fault-tolerant,
and single-wire versions
• Hardware timestamping
• Intel 80386EX microprocessor
for timed CAN frame transfer
• Optical isolation up to 500 V
• Import Vector database files
with NI-CAN
Operating Systems
• Windows 2000/NT/XP/Me/98
• LabVIEW Real-Time
Recommended Software
• LabVIEW
• LabWindows/CVI
Other Compatible Software
• C/C++
• Visual Basic 6
Application Software (included)
• Bus monitor utility
Driver Software (included)
• NI-CAN
Overview
CAN interfaces meet the physical and electrical requirements for in-
vehicle automotive networks based on CAN. All CAN interfaces
include NI-CAN device driver software, with which you can import
CAN channels from Vector database files or create them in an
easy-to-use utility and program using a high-level API. With a
National Instruments CAN interface and NI-CAN software, you can use
a desktop, industrial, or notebook PC running Windows for a variety
of CAN applications, including automotive testing and diagnostics,
prototype design, factory automation, and machine control.
CAN Bus and Analog Data Synchronization
Recent advances in automotive test applications demand tighter
integration of CAN and other measurement devices. In many
applications, you need to synchronize the physical parameters
measured in time to correlate the data. You can program this
synchronization in software, but OS latency sometimes introduces
unacceptable delays for certain automotive test applications.
National Instruments CAN, data acquisition, vision, and motion
boards for PCI are equipped to share timing and triggering signals.
In a system, a CAN board can share timing and triggering signals
with data acquisition, image acquisition, or motion control boards,
basing their actions on these signals. Determinism is maintained
between the trigger signal and the desired response because timing
and triggering signals are handled in hardware. The host PC software
interacts only to retrieve the data once it is acquired or to write
new data.
Synchronization is available for PXI, PCI, and PCMCIA-CAN
devices. For PXI modules, the timing signals are shared in the PXI
trigger bus on the backplane; therefore, you do not need additional
cables to take advantage of synchronization. For PCI boards, you can
use a RTSI bus cable to share the signals. For PCMCIA-CAN, a
synchronization cable connects external timing and triggering signals
to the card to achieve synchronization between PCMCIA-CAN and
PCMCIA, USB, or PCI data acquisition hardware.
LabVIEW Real-Time Compatibility
PCI and PXI CAN hardware works with LabVIEW Real-Time running
on a PC or a PXI controller for deterministic control. You can download
your existing NI LabVIEW application to the target without specialized
real-time OS programming knowledge. The real-time performance and
synchronization mean you can use a standard PC or PXI chassis for
applications such as rapid control prototyping, hardware-in-the-loop
testing, and data logging.
Common Hardware
All National Instruments Series 2 CAN devices use the Intel 80386EX
microprocessor to handle communications directly on the interface
device. The 80386EX provides a dedicated environment for reliable,
high-performance CAN communications protocol stack execution.
Because acquisition and transmission timing occur on the board,
CAN frames are not lost due to OS activity such as hard drive
access, mouse movements, or virus scans. The physical layer of all
National Instruments CAN devices fully conforms to the ISO 11898
physical layer specification for CAN and is optically isolated to 500 V.
You can interface to the CAN bus using a 9-pin male D-Sub (DB9)
connector. The Philips SJA1000 CAN controller implements typical
ISO 11898 CAN functionality and offers additional functionality to aid
in system development, such as listen-only mode, sleep/wakeup mode,
error counter access, and self-reception (echo) mode.


Similar Part No. - 778007-02

ManufacturerPart #DatasheetDescription
logo
ITT Industries
778000201 ITT-778000201 Datasheet
1Mb / 23P
   AUXILIARY ACTUATORS
778000264 ITT-778000264 Datasheet
1Mb / 23P
   AUXILIARY ACTUATORS
More results

Similar Description - 778007-02

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM9225 OKI-MSM9225 Datasheet
488Kb / 74P
   CAN (Controller Area Network) Controller
MSM9225B OKI-MSM9225B Datasheet
116Kb / 16P
   CAN (Controller Area Network) Controller
logo
Texas Instruments
SN65LBC031 TI-SN65LBC031 Datasheet
152Kb / 11P
[Old version datasheet]   HIGH-SPEED CONTROLLER AREA NETWORK (CAN) TRANSCEIVERS
SN75LBC031D TI1-SN75LBC031D Datasheet
825Kb / 17P
[Old version datasheet]   HIGH-SPEED CONTROLLER AREA NETWORK (CAN) TRANSCEIVERS
SN65LBC031Q TI-SN65LBC031Q Datasheet
141Kb / 10P
[Old version datasheet]   HIGH-SPEED CONTROLLER AREA NETWORK CAN TRANSCEIVERS
SN65LBC031 TI1-SN65LBC031_14 Datasheet
831Kb / 17P
[Old version datasheet]   HIGH-SPEED CONTROLLER AREA NETWORK (CAN) TRANSCEIVERS
logo
Intel Corporation
AN82526 INTEL-AN82526 Datasheet
255Kb / 9P
   controller area network chip
logo
Advantech Co., Ltd.
ULI-238TS ADVANTECH-ULI-238TS Datasheet
419Kb / 1P
   CAN (Control Area Network) Optical Isolator
18-Jan-2022
logo
Intel Corporation
AN82527F8 INTEL-AN82527F8 Datasheet
242Kb / 22P
   SERIAL COMMUNICATIONS CONTROLLER CONTROLLER AREA NETWORK PROTOCOL
82527 INTEL-82527 Datasheet
239Kb / 22P
   SERIAL COMMUNICATIONS CONTROLLER CONTROLLER AREA NETWORK PROTOCOL
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com