Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

053-0705R Datasheet(PDF) 2 Page - Tensility International Corp.

Part # 053-0705R
Description  Cable, 550 mm, 5.5x2.1 dc jack to blunt cut, 18 AWG, UL2468
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TENSILITY [Tensility International Corp.]
Direct Link  http://www.tensility.com
Logo TENSILITY - Tensility International Corp.

053-0705R Datasheet(HTML) 2 Page - Tensility International Corp.

  053-0705R Datasheet HTML 1Page - Tensility International Corp. 053-0705R Datasheet HTML 2Page - Tensility International Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
part number:
description:
date:
unit:
page:
rev:
ph 661.702.0035 fx 661.702.0038
29033 Avenue Sherman Ste 203 Valencia, CA 91355
www.tensility.com
03/22/10
mm
A
CUI-1867 (053-0705R)
Cable, 550 mm, 5.5x2.1 dc jack to blunt cut,
18 AWG, UL2468
Revision notes:
Rev
Date
Description
A
March 22, 2010
Re-issue. Original specification issued by CUI; re-issued by Ten-
sility without any material or mechanical changes.
2 of 2
Spec sign-off verifies that you have reviewed the entire specification, tested a sample of the product, and
confirm that it meets your requirements. This specification reflects the part as it will be ordered. Orders
will not be processed until the specification pages have been initialed and the approval page has been
signed. This specification is confidential and is not to be transmitted without prior approval from Tensility.
Signature
Title
Name
Date
Specification Approval


Similar Part No. - 053-0705R

ManufacturerPart #DatasheetDescription
logo
Deep Sea Electronics
053-032 DSE-053-032 Datasheet
106Kb / 2P
   DSENET® OUTPUT EXPANSION MODULE
053-033 DSE-053-033 Datasheet
169Kb / 2P
   DSENET INPUT EXPANSION MODULE
053-034 DSE-053-034 Datasheet
180Kb / 2P
   DSENET OUTPUT EXPANSION MODULE
053-049 DSE-053-049 Datasheet
638Kb / 2P
   COMPACT BATTERY CHARGERS
053-049 DSE-053-049 Datasheet
229Kb / 2P
   24 Volt, 10 Amp Battery Charger
More results

Similar Description - 053-0705R

ManufacturerPart #DatasheetDescription
logo
Tensility International...
10-01297 TENSILITY-10-01297 Datasheet
436Kb / 2P
   Cable, 6100 mm, 5.5x2.1mm 50-00152 dc jack x10, blunt cut ends, 18 AWG, UL2468, 30-00007 wire, custom
10-00464 TENSILITY-10-00464 Datasheet
351Kb / 2P
   Cable, 4270 mm, 5.5x2.1x12 mm dc plug to 5.5x2.1 mm dc jack, 22 AWG
10-01096 TENSILITY-10-01096 Datasheet
311Kb / 2P
   Cable, 915 mm, 5.5x2.1 mm 50-00025 dc jack to stripped tinned, 18 AWG, 30-00007 wire
10-01092 TENSILITY-10-01092 Datasheet
332Kb / 2P
   Cable, 1830 mm, 5.5x2.1 mm 50-00025 dc jack to stripped tinned, 18 AWG, 30-00007 wire
10-01068 TENSILITY-10-01068 Datasheet
309Kb / 2P
   Cable, 915 mm, 5.5x2.1x12 mm 50-00024 dc plug to 5.5x2.1 mm 50-00025 dc jack, 18 AWG, 30-00007 wire
10-01069 TENSILITY-10-01069 Datasheet
358Kb / 2P
   Cable, 1830 mm, 5.5x2.1x12 mm 50-00024 dc plug to 5.5x2.1 mm 50-00025 dc jack, 18 AWG, 30-00007 wire
10-00325 TENSILITY-10-00325 Datasheet
403Kb / 2P
   Cable, 305 mm, 5.5x2.1 mm dc plug, panel mount housing to stripped tinned, 18 AWG
10-01080 TENSILITY-10-01080 Datasheet
366Kb / 2P
   Cable, 1830 mm, 5.5x2.1x12 mm 90째 50- 00186 dc plug to 5.5x2.1 mm 50-00025 jack, 18 AWG 30-00007 wire
CA-2224 TENSILITY-CA-2224 Datasheet
66Kb / 2P
   Cable, 1830 mm, 6.5x3.0x12 mm 50-00090 dc plug to stripped tinned, 18 AWG, UL2468
10-01093 TENSILITY-10-01093 Datasheet
309Kb / 2P
   Cable, 1830 mm, 5.5x2.1 mm 50-00025 dc jack to stripped tinned, 24 AWG, 30-00003 wire
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com