Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2B6I690-1100-400WS Datasheet(PDF) 3 Page - eupec GmbH

Part # 2B6I690-1100-400WS
Description  3 x 800A AC at 690V AC, watercooled
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

2B6I690-1100-400WS Datasheet(HTML) 3 Page - eupec GmbH

  2B6I690-1100-400WS Datasheet HTML 1Page - eupec GmbH 2B6I690-1100-400WS Datasheet HTML 2Page - eupec GmbH 2B6I690-1100-400WS Datasheet HTML 3Page - eupec GmbH 2B6I690-1100-400WS Datasheet HTML 4Page - eupec GmbH 2B6I690-1100-400WS Datasheet HTML 5Page - eupec GmbH 2B6I690-1100-400WS Datasheet HTML 6Page - eupec GmbH 2B6I690-1100-400WS Datasheet HTML 7Page - eupec GmbH 2B6I690-1100-400WS Datasheet HTML 8Page - eupec GmbH 2B6I690-1100-400WS Datasheet HTML 9Page - eupec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
PowerSTACK
Datasheet: 2B6I 690/1100-400W M, S
Preliminary Data
2B6I690-1100-400W.doc
3 of 10
2003-03-17
(eupec approximation) Loadcycle for:
Industrial Drive
(
ϑair=35°C, I=0,8,
Duration=24h/Day)
LTD
11
Year
Requirements to the Powersource
Assumed Inductance
Of Feeding
Powersource
(Necessary inductance
not included, feeded
by B6U)
LFeed
110
µH
Fan Data (assumed when excluded)
Fan Type
Assumed
-
Fan Voltage
VFan
-
VRMS
Fan Frequency
fFan
-
Hz
Fan Current
IFan
-
ARMS
Fan Air Pressure
Assumed
∆pAirFan
-
Pa
Controller Interface Data
Driver
See Datasheets
PCB
TR100
Master (only first B6I)
SAD101
Slave
Paralleling Interface
See Datasheet
PCB
-
Master (only first B6I)
(optionally)
OEA101
Slave
Optical Interface
See Datasheet
PCB
-
Digital Input Level
Resistor to Gnd (1,8k)
High = on
min 15mA
Vin
0
15
V
Digital Output Level
Open collector
Low = ok
max 15mA
Vout
0
15
V
Analog Current
Outputs Unit1
Load max 1mA
at
IUnit1
-
V
Analog Current
Outputs Unit2
Load max 1mA
at
IUnit2
4
V
Analog DC Link
Voltage Output
Load max 1 mA
At
VDCmax
VDCout
9
V
Analog Temperature
Out
Load max 1mA
At
ϑj=125°C
V
ϑout
9
V
Optical Input Level
optionally
12
µW
Optical Output Level
optionally
60
µW
Requirements to the Controller
EMC Protection
According EN61800-3
at auxiliary power and
controlinterface
1
kV


Similar Part No. - 2B6I690-1100-400WS

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
2B6I500-800-330GM EUPEC-2B6I500-800-330GM Datasheet
584Kb / 11P
   2 x 3 x 330A AC at 500V AC
2B6I500-800-330GS EUPEC-2B6I500-800-330GS Datasheet
584Kb / 11P
   2 x 3 x 330A AC at 500V AC
2B6I500-800-350W EUPEC-2B6I500-800-350W Datasheet
401Kb / 10P
   2 x 3 x 350A AC at 500V AC, watercooled
2B6I500-800-400GM EUPEC-2B6I500-800-400GM Datasheet
449Kb / 11P
   2 x 3 x 400A AC at 500V AC, air cooled
2B6I500-800-400GS EUPEC-2B6I500-800-400GS Datasheet
449Kb / 11P
   2 x 3 x 400A AC at 500V AC, air cooled
More results

Similar Description - 2B6I690-1100-400WS

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
1B6I690-1100-400W EUPEC-1B6I690-1100-400W Datasheet
394Kb / 10P
   3 x 400A AC at 690V AC, watercooled
2B6I500-800-350W EUPEC-2B6I500-800-350W Datasheet
401Kb / 10P
   2 x 3 x 350A AC at 500V AC, watercooled
B6IB6I690 EUPEC-B6IB6I690 Datasheet
1Mb / 10P
   3 x 277A AC at 690V AC, aircooled
B6I690 EUPEC-B6I690 Datasheet
779Kb / 9P
   3 x 250A AC at 690V AC, aircooled, switching frequency max 2250Hz
2B6I500-800-330GM EUPEC-2B6I500-800-330GM Datasheet
584Kb / 11P
   2 x 3 x 330A AC at 500V AC
2B6I500-800-450W EUPEC-2B6I500-800-450W Datasheet
401Kb / 10P
   2 x 3 x 450A AC at 500V AC, water cooled
2B6I500-800-400GM EUPEC-2B6I500-800-400GM Datasheet
449Kb / 11P
   2 x 3 x 400A AC at 500V AC, air cooled
6PS0300R17KE3-3GH EUPEC-6PS0300R17KE3-3GH Datasheet
552Kb / 8P
   3x 176A AC at 690V AC, forced air (fan not implemented)
logo
Infineon Technologies A...
2PS0900R17KE3-3GH INFINEON-2PS0900R17KE3-3GH Datasheet
565Kb / 10P
   1x 527A AC at 690V AC, forced air (fan not implemented)
2008-04-11 revision:1.0
4PS0300R17KE3-3G INFINEON-4PS0300R17KE3-3G Datasheet
524Kb / 8P
   2x 165A AC at 690V AC, forced air (fan not implemented)
2007-06-26 revision: 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com