Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2B6I500-800-330GM Datasheet(PDF) 5 Page - eupec GmbH

Part # 2B6I500-800-330GM
Description  2 x 3 x 330A AC at 500V AC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

2B6I500-800-330GM Datasheet(HTML) 5 Page - eupec GmbH

  2B6I500-800-330GM Datasheet HTML 1Page - eupec GmbH 2B6I500-800-330GM Datasheet HTML 2Page - eupec GmbH 2B6I500-800-330GM Datasheet HTML 3Page - eupec GmbH 2B6I500-800-330GM Datasheet HTML 4Page - eupec GmbH 2B6I500-800-330GM Datasheet HTML 5Page - eupec GmbH 2B6I500-800-330GM Datasheet HTML 6Page - eupec GmbH 2B6I500-800-330GM Datasheet HTML 7Page - eupec GmbH 2B6I500-800-330GM Datasheet HTML 8Page - eupec GmbH 2B6I500-800-330GM Datasheet HTML 9Page - eupec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
ModSTACK
Datasheet: 2B6I 500/800-330G M, S
Preliminary Data
Shock
EN60068-2-27, Ea
Halfsine 11ms, 3 pulses
100
m/s²
Protection Degree
IP00
Pollution Degree
2
Overvoltage Category
III
2B6I500-800-330G.doc
5 of 11
2003-03-17


Similar Part No. - 2B6I500-800-330GM

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
2B6I500-800-350W EUPEC-2B6I500-800-350W Datasheet
401Kb / 10P
   2 x 3 x 350A AC at 500V AC, watercooled
More results

Similar Description - 2B6I500-800-330GM

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
2B6I500-800-350W EUPEC-2B6I500-800-350W Datasheet
401Kb / 10P
   2 x 3 x 350A AC at 500V AC, watercooled
2B6I500-800-450W EUPEC-2B6I500-800-450W Datasheet
401Kb / 10P
   2 x 3 x 450A AC at 500V AC, water cooled
2B6I500-800-400GM EUPEC-2B6I500-800-400GM Datasheet
449Kb / 11P
   2 x 3 x 400A AC at 500V AC, air cooled
1B6I690-1100-400W EUPEC-1B6I690-1100-400W Datasheet
394Kb / 10P
   3 x 400A AC at 690V AC, watercooled
B6IB6I690 EUPEC-B6IB6I690 Datasheet
1Mb / 10P
   3 x 277A AC at 690V AC, aircooled
2B6I690-1100-400WM EUPEC-2B6I690-1100-400WM Datasheet
418Kb / 10P
   3 x 800A AC at 690V AC, watercooled
B6I690 EUPEC-B6I690 Datasheet
779Kb / 9P
   3 x 250A AC at 690V AC, aircooled, switching frequency max 2250Hz
logo
ORION FANS
OA172S-METAL ORIONFANS-OA172S-METAL Datasheet
336Kb / 1P
   AC - Harsh Environment 172 x 150 x 51mm (6.7??x 5.9??x 2??
logo
NHP Electrical Engineer...
RQ48E-VAC-500V NHP-RQ48E-VAC-500V Datasheet
996Kb / 3P
   VOLTMETER 500V AC
11 October 2022,
RQ96EVAC500V NHP-RQ96EVAC500V Datasheet
996Kb / 3P
   VOLTMETER 500V AC
11 October 2022,
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com