Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IP3047CX6 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # IP3047CX6
Description  Integrated dual channel passive LC-filter network with ESD protection to IEC 61000-4-2 level 4
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IP3047CX6 Datasheet(HTML) 5 Page - NXP Semiconductors

  IP3047CX6 Datasheet HTML 1Page - NXP Semiconductors IP3047CX6 Datasheet HTML 2Page - NXP Semiconductors IP3047CX6 Datasheet HTML 3Page - NXP Semiconductors IP3047CX6 Datasheet HTML 4Page - NXP Semiconductors IP3047CX6 Datasheet HTML 5Page - NXP Semiconductors IP3047CX6 Datasheet HTML 6Page - NXP Semiconductors IP3047CX6 Datasheet HTML 7Page - NXP Semiconductors IP3047CX6 Datasheet HTML 8Page - NXP Semiconductors IP3047CX6 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
IP3047CX6
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 2 — 23 November 2010
5 of 11
NXP Semiconductors
IP3047CX6
Integrated dual channel passive LC-filter network with ESD protection
7.
Application information
The setup for measuring insertion loss in a 50
Ω system is shown in Figure 3.
The insertion loss in a 50
Ω system for the two channels of the IP3047CX6 is shown in
Figure 4. The insertion loss is measured directly on the wafer with coplanar probes.
Unused pins are connected to ground with 50
Ω.
Fig 3.
Frequency response measurement configuration
OUT
001aai755
50
Ω
50
Ω
Vgen
DUT
IN
TEST BOARD
a. Channel 1 (pins A1 and A3).
b. Channel 2 (pins B1 and B3).
Fig 4.
Measured insertion loss magnitudes
001aam535
−30
−20
−40
−10
0
s21
(dB)
−50
f (MHz)
1104
103
10
102
001aam536
−30
−20
−40
−10
0
s21
(dB)
−50
f (MHz)
1104
103
10
102


Similar Part No. - IP3047CX6

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
IP3048CX5 NEXPERIA-IP3048CX5 Datasheet
476Kb / 12P
   Integrated dual channel passive LC-filter network with ESD protection to IEC 61000-4-2 level 4
More results

Similar Description - IP3047CX6

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
IP3048CX5 NEXPERIA-IP3048CX5 Datasheet
476Kb / 12P
   Integrated dual channel passive LC-filter network with ESD protection to IEC 61000-4-2 level 4
logo
NXP Semiconductors
IP3088CX5 NXP-IP3088CX5 Datasheet
292Kb / 15P
   Integrated 2, 4, 6 and 8-channel passive LC-filter network with ESD protection to IEC 61000-4-2 level 4
Rev. 01-12 February 2010
IP3337CX18 NXP-IP3337CX18 Datasheet
97Kb / 13P
   7-channel integrated LC-filter network with ESD input protection to IEC 61000-4-2 level 4
Rev. 01-12 November 2008
IP3337CX18 NXP-IP3337CX18_09 Datasheet
92Kb / 12P
   7-channel integrated LC-filter network with ESD input protection to IEC 61000-4-2 level 4
Rev. 02-10 March 2009
IP3338CX24 NXP-IP3338CX24_09 Datasheet
97Kb / 12P
   10-channel integrated LC-filter network with ESD input protection to IEC 61000-4-2 level 4
Rev. 02-10 March 2009
IP3338CX24 NXP-IP3338CX24 Datasheet
103Kb / 13P
   10-channel integrated LC-filter network with ESD input protection to IEC 61000-4-2 level 4
Rev. 01-13 November 2008
IP4253CZ8 NXP-IP4253CZ8 Datasheet
59Kb / 10P
   Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC 61000-4-2, level 4
Rev. 02-8 November 2007
IP4251 NXP-IP4251 Datasheet
100Kb / 16P
   Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC 61000-4-2, level 4
Rev. 03-6 May 2009
IP4041CX25 NXP-IP4041CX25 Datasheet
242Kb / 12P
   10-channel integrated filter network with ESD input protection to IEC 61000-4-2 level 4
Rev. 01-12 February 2010
IP4337CX18 NXP-IP4337CX18 Datasheet
78Kb / 12P
   7-channel integrated filter network with ESD input protection to IEC 61000-4-2 level 4
Rev. 02-20 August 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com