Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TEA1733AT Datasheet(PDF) 11 Page - NXP Semiconductors

Part # TEA1733AT
Description  GreenChip SMPS control IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TEA1733AT Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TEA1733AT Datasheet HTML 7Page - NXP Semiconductors TEA1733AT Datasheet HTML 8Page - NXP Semiconductors TEA1733AT Datasheet HTML 9Page - NXP Semiconductors TEA1733AT Datasheet HTML 10Page - NXP Semiconductors TEA1733AT Datasheet HTML 11Page - NXP Semiconductors TEA1733AT Datasheet HTML 12Page - NXP Semiconductors TEA1733AT Datasheet HTML 13Page - NXP Semiconductors TEA1733AT Datasheet HTML 14Page - NXP Semiconductors TEA1733AT Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
TEA1733AT
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Preliminary data sheet
Rev. 2 — 19 November 2010
11 of 18
NXP Semiconductors
TEA1733AT
GreenChip SMPS control IC
IO(PROTECT)
output current on pin
PROTECT
VPROTECT =Vlow(PROTECT)
−34
−32
−30
μA
VPROTECT =Vhigh(PROTECT)
87
107
127
μA
Vclamp(PROTECT)
clamp voltage on pin
PROTECT
II(PROTECT) =200 μA
[1] 3.5
4.1
4.7
V
Peak current control (pin CTRL)
VCTRL
voltage on pin CTRL
for minimum flyback peak
current
1.5
1.8
2.1
V
for maximum flyback peak
current
3.4
3.9
4.3
V
Rint(CTRL)
internal resistance on
pin CTRL
57
9k
Ω
IO(CTRL)
output current on pin
CTRL
VCTRL =1.4 V
−0.7
−0.5
−0.3
mA
VCTRL =3.7 V
−0.28
−0.2
−0.12
mA
Pulse width modulator
fosc
oscillator frequency
85.5
91.5
97.5
kHz
fmod
modulation frequency
210
280
350
Hz
Δf
mod
modulation frequency
variation
±4
±5
±6kHz
δ
max
maximum duty cycle
68.5
72
79
%
Vstart(red)f
frequency reduction start
voltage
pin CTRL
1.5
1.8
2.1
V
Vδ(zero)
zero duty cycle voltage
pin CTRL
1.25
1.55
1.85
V
Overpower protection (pin OPTIMER)
Vprot(OPTIMER)
protection voltage on pin
OPTIMER
2.4
2.5
2.6
V
Iprot(OPTIMER)
protection current on pin
OPTIMER
no overpower situation
100
150
200
μA
overpower situation
−12.2
−10.7
−9.2
μA
Restart timer (pin OPTIMER)
Vrestart(OPTIMER)
restart voltage on pin
OPTIMER
low level
0.8
1.2
1.6
V
high level
4.1
4.5
4.9
V
Irestart(OPTIMER)
restart current on pin
OPTIMER
charging OPTIMER
capacitor
−127
−107
−87
μA
discharging OPTIMER
capacitor
−0.1
0
0.1
μA
Current sense (pin ISENSE)
Vsense(max)
maximum sense voltage
ΔV/Δt= 50 mV/μs;
VVINSENSE =0.78V
0.48
0.51
0.54
V
ΔV/Δt = 200 mV/μs;
VVINSENSE =0.78V
0.50
0.53
0.56
V
Vth(sense)opp
overpower protection
sense threshold voltage
370
400
430
mV
ΔV
ISENSE/Δt
slope compensation
voltage on pin ISENSE
ΔV/Δt= 50 mV/μs
2033
46mV/
μs
Table 5.
Characteristics …continued
Tamb =25 °C; VCC = 20 V; all voltages are measured with respect to ground (pin 2); currents are positive when flowing into
the IC; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit


Similar Part No. - TEA1733AT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1733BT NXP-TEA1733BT Datasheet
210Kb / 19P
   GreenChip SMPS control IC
Rev. 4-11 July 2013
TEA1733CP NXP-TEA1733CP Datasheet
372Kb / 20P
   GreenChip SMPS control IC
Rev. 2-15 July 2013
TEA1733CT PHILIPS-TEA1733CT Datasheet
374Kb / 20P
   GreenChip SMPS control IC
Rev. 2-16 July 2013
TEA1733LT NXP-TEA1733LT Datasheet
110Kb / 17P
   GreenChip SMPS control IC
Rev. 01-26 October 2009
TEA1733LT NXP-TEA1733LT Datasheet
185Kb / 20P
   GreenChip III SMPS control IC
Rev. 02-26 March 2010
More results

Similar Description - TEA1733AT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1506 PHILIPS-TEA1506 Datasheet
122Kb / 22P
   GreenChip SMPS control IC
2003 Sep 09
TEA1731TS PHILIPS-TEA1731TS Datasheet
245Kb / 19P
   GreenChip SMPS control IC
Rev. 2.1-16 August 2012
TEA1733CP NXP-TEA1733CP Datasheet
372Kb / 20P
   GreenChip SMPS control IC
Rev. 2-15 July 2013
TEA1733CT PHILIPS-TEA1733CT Datasheet
374Kb / 20P
   GreenChip SMPS control IC
Rev. 2-16 July 2013
TEA1732TS PHILIPS-TEA1732TS Datasheet
215Kb / 20P
   GreenChip SMPS control IC
Rev. 1-18 March 2014
TEA1833TS PHILIPS-TEA1833TS Datasheet
258Kb / 25P
   GreenChip SMPS control IC
Rev. 1-31 August 2015
TEA1733LT NXP-TEA1733LT Datasheet
149Kb / 21P
   GreenChip SMPS control IC
Rev. 8 ??16 July 2013
TEA1738T NXP-TEA1738T_V01 Datasheet
218Kb / 21P
   GreenChip SMPS control IC
Rev. 2-14 January 2011
TEA1833TS NXP-TEA1833TS_V01 Datasheet
335Kb / 24P
   GreenChip SMPS control IC
Rev. 1.1 - 8 February 2023
TEA18363T NXP-TEA18363T_V01 Datasheet
356Kb / 28P
   GreenChip SMPS control IC
Rev. 1 - 6 March 2023
TEA1504 PHILIPS-TEA1504 Datasheet
111Kb / 20P
   GreenChip SMPS control IC
1999 Dec 07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com