Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10-00119 Datasheet(PDF) 2 Page - Tensility International Corp.

Part # 10-00119
Description  Cable, 2000 mm, 50-00011 locking dc plug to stripped/tinned leads, 18 AWG, UL1185, shielded
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TENSILITY [Tensility International Corp.]
Direct Link  http://www.tensility.com
Logo TENSILITY - Tensility International Corp.

10-00119 Datasheet(HTML) 2 Page - Tensility International Corp.

  10-00119 Datasheet HTML 1Page - Tensility International Corp. 10-00119 Datasheet HTML 2Page - Tensility International Corp. 10-00119 Datasheet HTML 3Page - Tensility International Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
part number:
description:
date:
unit:
page:
rev:
ph 661.702.0035 fx 661.702.0038
29033 Avenue Sherman Ste 203 Valencia, CA 91355
www.tensility.com
05/28/09
mm
A
10-00119
Cable, 2000 mm, 50-00011 locking dc plug
to stripped/tinned leads, 18 AWG, UL1185,
shielded
material
insulation
jacket
unaged
tensile strength (kfg/mm2 min)
1.05
1.05
elongation (%min)
100
100
aging test
condition
113°C/168 h
113°C/168 h
elongation (% unaged min)
65
65
tensile strength (% unaged min)
75
75
deformation (121± 1 °C x 1 hour)
≤50%
≤50%
cold bend (-10 ± 1 °C x 1 hour)
OK
OK
heat shock (121 ± 1 °C x 1 hour)
OK
OK
flame test
VW-1
VW-1
jacket
material
F0208C 60P (4026) UL 80°C
color
black
diameter
Ø3.4 ± 0.10
Cable specifications:
conductors
gauge
18 AWG
material
brass copper
cord size
41/0.16 TC
electrical & physical properties
spiral shield
41/0.16 TC
rated voltage
300 V
rated temperature
80 °C
insulation resistance
0.76 (15.6 °C) mΩ / m min.
resistance @ 20 °C
21.8 mΩ/m max
conductor
insulation
shield
PVC jacket
Cable cross section:
2 of 3
insulation
material
F0040C 50PB (4370) UL 80°C
color
white
diameter
Ø1.60 ± 0.05


Similar Part No. - 10-00119

ManufacturerPart #DatasheetDescription
logo
Tensility International...
10-00110 TENSILITY-10-00110 Datasheet
97Kb / 3P
   Cable, 2000 mm, 50-00010 locking dc plug to 50-00010 locking dc plug, 18 AWG, UL1185, shielded
10-00111 TENSILITY-10-00111 Datasheet
93Kb / 3P
   Cable, 2000 mm, 50-00010 locking dc plug to 50-00010 locking dc plug, 18 AWG, UL2468
10-00112 TENSILITY-10-00112 Datasheet
88Kb / 3P
   Cable, 2000 mm, 50-00010 locking dc plug to stripped/tinned leads, 18 AWG, UL1185, shielded
10-00113 TENSILITY-10-00113 Datasheet
84Kb / 3P
   Cable, 2000 mm, 50-00010 locking dc plug to stripped/tinned leads, 18 AWG, UL2468
10-00114 TENSILITY-10-00114 Datasheet
177Kb / 3P
   Cable, 2000 mm, 50-00010 right angle locking dc plug to same, 18 AWG, UL1185, shielded
More results

Similar Description - 10-00119

ManufacturerPart #DatasheetDescription
logo
Tensility International...
10-00123 TENSILITY-10-00123 Datasheet
142Kb / 3P
   Cable, 2000 mm, 50-00011 right angle locking dc plug to stripped/tinned, 18 AWG, UL1185, shielded
10-00112 TENSILITY-10-00112 Datasheet
88Kb / 3P
   Cable, 2000 mm, 50-00010 locking dc plug to stripped/tinned leads, 18 AWG, UL1185, shielded
10-00120 TENSILITY-10-00120 Datasheet
84Kb / 3P
   Cable, 2000 mm, 50-00011 locking dc plug to stripped tinned leads, 18 AWG, UL2468
10-00117 TENSILITY-10-00117 Datasheet
98Kb / 3P
   Cable, 2000 mm, 50-00011 locking dc plug to 50-00011 locking dc plug, 18 AWG, UL1185, shielded
10-00115 TENSILITY-10-00115 Datasheet
142Kb / 3P
   Cable, 2000 mm, 50-00010 right angle locking dc plug to stripped/tinned, 18 AWG, UL1185, shielded
10-00124 TENSILITY-10-00124 Datasheet
131Kb / 3P
   Cable, 2000 mm, 50-00011 right angle locking dc plug to stripped tinned, 18 AWG, UL2468
10-00121 TENSILITY-10-00121 Datasheet
172Kb / 3P
   Cable, 2000 mm, 50-00011 right angle locking dc plug to same, 18 AWG, UL1185, shielded
10-00113 TENSILITY-10-00113 Datasheet
84Kb / 3P
   Cable, 2000 mm, 50-00010 locking dc plug to stripped/tinned leads, 18 AWG, UL2468
10-00118 TENSILITY-10-00118 Datasheet
93Kb / 3P
   Cable, 2000 mm, 50-00011 locking dc plug to 50-00011 locking dc plug, 18 AWG, UL2468
10-00110 TENSILITY-10-00110 Datasheet
97Kb / 3P
   Cable, 2000 mm, 50-00010 locking dc plug to 50-00010 locking dc plug, 18 AWG, UL1185, shielded
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com