Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10-00109 Datasheet(PDF) 3 Page - Tensility International Corp.

Part # 10-00109
Description  Cable, 2000 mm, 50-00010 right angle locking dc plug to same, 18 AWG, UL2468
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TENSILITY [Tensility International Corp.]
Direct Link  http://www.tensility.com
Logo TENSILITY - Tensility International Corp.

10-00109 Datasheet(HTML) 3 Page - Tensility International Corp.

  10-00109 Datasheet HTML 1Page - Tensility International Corp. 10-00109 Datasheet HTML 2Page - Tensility International Corp. 10-00109 Datasheet HTML 3Page - Tensility International Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
part number:
description:
date:
unit:
page:
rev:
ph 661.702.0035 fx 661.702.0038
29033 Avenue Sherman Ste 203 Valencia, CA 91355
www.tensility.com
05/28/09
mm
A
10-00109
Cable, 2000 mm, 50-00010 right angle lock-
ing dc plug to same, 18 AWG, UL2468
Revision notes:
Rev
Date
Description
A
May 28, 2009
initial release
3 of 3
Spec sign-off verifies that you have reviewed the entire specification, tested a sample of the product, and
confirm that it meets your requirements. This specification reflects the part as it will be ordered. Orders
will not be processed until the specification pages have been initialed and the approval page has been
signed. This specification is confidential and is not to be transmitted without prior approval from Tensility.
Signature
Title
Name
Date
Specification Approval


Similar Part No. - 10-00109

ManufacturerPart #DatasheetDescription
logo
Tensility International...
10-00110 TENSILITY-10-00110 Datasheet
97Kb / 3P
   Cable, 2000 mm, 50-00010 locking dc plug to 50-00010 locking dc plug, 18 AWG, UL1185, shielded
10-00111 TENSILITY-10-00111 Datasheet
93Kb / 3P
   Cable, 2000 mm, 50-00010 locking dc plug to 50-00010 locking dc plug, 18 AWG, UL2468
10-00112 TENSILITY-10-00112 Datasheet
88Kb / 3P
   Cable, 2000 mm, 50-00010 locking dc plug to stripped/tinned leads, 18 AWG, UL1185, shielded
10-00113 TENSILITY-10-00113 Datasheet
84Kb / 3P
   Cable, 2000 mm, 50-00010 locking dc plug to stripped/tinned leads, 18 AWG, UL2468
10-00114 TENSILITY-10-00114 Datasheet
177Kb / 3P
   Cable, 2000 mm, 50-00010 right angle locking dc plug to same, 18 AWG, UL1185, shielded
More results

Similar Description - 10-00109

ManufacturerPart #DatasheetDescription
logo
Tensility International...
10-00111 TENSILITY-10-00111 Datasheet
93Kb / 3P
   Cable, 2000 mm, 50-00010 locking dc plug to 50-00010 locking dc plug, 18 AWG, UL2468
10-00116 TENSILITY-10-00116 Datasheet
131Kb / 3P
   Cable, 2000 mm, 50-00010 right angle locking dc plug to stripped/tinned, 18 AWG, UL2468
10-00122 TENSILITY-10-00122 Datasheet
176Kb / 3P
   Cable, 2000 mm, 50-00011 right angle locking dc plug to same, 18 AWG, UL2468
10-00113 TENSILITY-10-00113 Datasheet
84Kb / 3P
   Cable, 2000 mm, 50-00010 locking dc plug to stripped/tinned leads, 18 AWG, UL2468
10-00114 TENSILITY-10-00114 Datasheet
177Kb / 3P
   Cable, 2000 mm, 50-00010 right angle locking dc plug to same, 18 AWG, UL1185, shielded
10-00110 TENSILITY-10-00110 Datasheet
97Kb / 3P
   Cable, 2000 mm, 50-00010 locking dc plug to 50-00010 locking dc plug, 18 AWG, UL1185, shielded
10-00118 TENSILITY-10-00118 Datasheet
93Kb / 3P
   Cable, 2000 mm, 50-00011 locking dc plug to 50-00011 locking dc plug, 18 AWG, UL2468
10-00115 TENSILITY-10-00115 Datasheet
142Kb / 3P
   Cable, 2000 mm, 50-00010 right angle locking dc plug to stripped/tinned, 18 AWG, UL1185, shielded
10-00124 TENSILITY-10-00124 Datasheet
131Kb / 3P
   Cable, 2000 mm, 50-00011 right angle locking dc plug to stripped tinned, 18 AWG, UL2468
10-00121 TENSILITY-10-00121 Datasheet
172Kb / 3P
   Cable, 2000 mm, 50-00011 right angle locking dc plug to same, 18 AWG, UL1185, shielded
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com