Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1100A0IDBVR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1100A0IDBVR
Description  Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1100A0IDBVR Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS1100A0IDBVR Datasheet HTML 7Page - Texas Instruments ADS1100A0IDBVR Datasheet HTML 8Page - Texas Instruments ADS1100A0IDBVR Datasheet HTML 9Page - Texas Instruments ADS1100A0IDBVR Datasheet HTML 10Page - Texas Instruments ADS1100A0IDBVR Datasheet HTML 11Page - Texas Instruments ADS1100A0IDBVR Datasheet HTML 12Page - Texas Instruments ADS1100A0IDBVR Datasheet HTML 13Page - Texas Instruments ADS1100A0IDBVR Datasheet HTML 14Page - Texas Instruments ADS1100A0IDBVR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
ADS1100
11
SBAS239B
www.ti.com
Frame 1: I2C Slave Address Byte
Frame 2: Configuration Register
1
Start By
Master
ACK By
ADS1100
ACK By
ADS1100
19
1
9
SDA
SCL
00
1
A2
A1
A0
R/W
ST/
BSY
0
0
SC
DR1
DR0 PGA1 PGA0
Stop By
Master
FIGURE 3. Timing Diagram for Writing to the ADS1100.
Frame 1: I2C Slave Address Byte
Frame 2: Output Register Upper Byte
Start By
Master
ACK By
ADS1100
ACK By
Master
From
ADS1100
From
ADS1100
19
1
9
SDA
SCL
SDA
(Continued)
SCL
(Continued)
1
0
0
1
A2
A1
A0
R/W
D15
D14
D13
D12 D11
D10
D9
D8
Frame 3: Output Register Lower Byte
Frame 4: Configuration Register
(Optional)
ACK By
Master
Stop By
Master
ACK By
Master
From
ADS1100
1
91
D7
D6
D5
D4
D3
D2
D1
D0
ST/
BSY
0
0
SC
DR1 DR0 PGA1 PGA0
9
FIGURE 2. Timing Diagram for Reading From the ADS1100.


Similar Part No. - ADS1100A0IDBVR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1100A0IDBVR BURR-BROWN-ADS1100A0IDBVR Datasheet
282Kb / 18P
   Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1100A0IDBVR TI1-ADS1100A0IDBVR Datasheet
882Kb / 24P
[Old version datasheet]   Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1100A0IDBVR TI1-ADS1100A0IDBVR Datasheet
880Kb / 23P
[Old version datasheet]   Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1100A0IDBVRG4 TI1-ADS1100A0IDBVRG4 Datasheet
880Kb / 23P
[Old version datasheet]   Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS1100A0IDBVR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1100 BURR-BROWN-ADS1100 Datasheet
282Kb / 18P
   Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1100 TI1-ADS1100_15 Datasheet
880Kb / 23P
[Old version datasheet]   Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1100 TI1-ADS1100_14 Datasheet
882Kb / 24P
[Old version datasheet]   Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
ADS850 TI-ADS850 Datasheet
304Kb / 15P
[Old version datasheet]   14-Bit, 10MSPS Self-Calibrating ANALOG-TO-DIGITAL CONVERTER
logo
List of Unclassifed Man...
MN6400 ETC1-MN6400 Datasheet
1Mb / 8P
   50kHz, 16-bit Self-Calibrating Sampling A/D Converter
logo
National Semiconductor ...
ADC16061 NSC-ADC16061_06 Datasheet
905Kb / 21P
   Self-Calibrating 16-Bit, 2.5MSPS, 390mW A/D Converter
logo
List of Unclassifed Man...
MN6450 ETC1-MN6450 Datasheet
1Mb / 8P
   47KHZ 16-BIT SELF-CALIBRATING SAMPLING A/D CONVERTER
logo
API Technologies Corp
MN6400 APITECH-MN6400 Datasheet
1Mb / 8P
   50kHz, 16-bit Self-Calibrating Sampling A/D Converter
MN6450 APITECH-MN6450 Datasheet
1Mb / 8P
   47kHz, 16-bit Self-calibrating Sampling A/D Converter
logo
Micro Analog systems
MAS6501 MAS-MAS6501 Datasheet
205Kb / 16P
   16-Bit Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com