Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB96F355ASBPMC1-GSE2 Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # MB96F355ASBPMC1-GSE2
Description  16-bit Proprietary Microcontroller
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB96F355ASBPMC1-GSE2 Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  MB96F355ASBPMC1-GSE2 Datasheet HTML 1Page - Fujitsu Component Limited. MB96F355ASBPMC1-GSE2 Datasheet HTML 2Page - Fujitsu Component Limited. MB96F355ASBPMC1-GSE2 Datasheet HTML 3Page - Fujitsu Component Limited. MB96F355ASBPMC1-GSE2 Datasheet HTML 4Page - Fujitsu Component Limited. MB96F355ASBPMC1-GSE2 Datasheet HTML 5Page - Fujitsu Component Limited. MB96F355ASBPMC1-GSE2 Datasheet HTML 6Page - Fujitsu Component Limited. MB96F355ASBPMC1-GSE2 Datasheet HTML 7Page - Fujitsu Component Limited. MB96F355ASBPMC1-GSE2 Datasheet HTML 8Page - Fujitsu Component Limited. MB96F355ASBPMC1-GSE2 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 110 page
background image
MB96350 Series
FME-MB96350 rev 7
3
CAN
Supports CAN protocol version 2.0 part A and B
ISO16845 certified
Bit rates up to 1 Mbit/s
32 message objects
Each message object has its own identifier mask
Programmable FIFO mode (concatenation of message objects)
Maskable interrupt
Disabled Automatic Retransmission mode for Time Triggered CAN applications
Programmable loop-back mode for self-test operation
USART
Full duplex USARTs (SCI/LIN)
Wide range of baud rate settings using a dedicated reload timer
Special synchronous options for adapting to different synchronous serial protocols
LIN functionality working either as master or slave LIN device
I2C
Up to 400 kbps
Master and Slave functionality, 7-bit and 10-bit addressing
A/D converter
SAR-type
10-bit resolution
Signals interrupt on conversion end, single conversion mode, continuous conversion
mode, stop conversion mode, activation by software, external trigger or reload timer
Reload Timers
16-bit wide
Prescaler with 1/21, 1/22, 1/23, 1/24, 1/25, 1/26 of peripheral clock frequency
Event count function
Free Running Timers
Signals an interrupt on overflow, supports timer clear upon match with Output
Compare (0, 4), Prescaler with 1, 1/21, 1/22, 1/23, 1/24, 1/25, 1/26, 1/27,1/28 of
peripheral clock frequency
Input Capture Units
16-bit wide
Signals an interrupt upon external event
Rising edge, falling edge or rising & falling edge sensitive
Output Compare Units
16-bit wide
Signals an interrupt when a match with 16-bit I/O Timer occurs
A pair of compare registers can be used to generate an output signal.
Programmable Pulse
Generator
16-bit down counter, cycle and duty setting registers
Interrupt at trigger, counter borrow and/or duty match
PWM operation and one-shot operation
Internal prescaler allows 1, 1/4, 1/16, 1/64 of peripheral clock as counter clock and
Reload timer underflow as clock input
Can be triggered by software or reload timer
Feature
Description


Similar Part No. - MB96F355ASBPMC1-GSE2

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB96F356ASAPMC-GE2 FUJITSU-MB96F356ASAPMC-GE2 Datasheet
2Mb / 159P
   16-bit Proprietary Microcontroller
MB96F356ASAPMC1-GE2 FUJITSU-MB96F356ASAPMC1-GE2 Datasheet
2Mb / 159P
   16-bit Proprietary Microcontroller
MB96F356AWAPMC-GE2 FUJITSU-MB96F356AWAPMC-GE2 Datasheet
2Mb / 159P
   16-bit Proprietary Microcontroller
MB96F356AWAPMC1-GE2 FUJITSU-MB96F356AWAPMC1-GE2 Datasheet
2Mb / 159P
   16-bit Proprietary Microcontroller
MB96F356RSAPMC-GE2 FUJITSU-MB96F356RSAPMC-GE2 Datasheet
2Mb / 159P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB96F355ASBPMC1-GSE2

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com