Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB96F385RSBPMC-GSE2 Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # MB96F385RSBPMC-GSE2
Description  16-bit Proprietary Microcontroller
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB96F385RSBPMC-GSE2 Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  MB96F385RSBPMC-GSE2 Datasheet HTML 1Page - Fujitsu Component Limited. MB96F385RSBPMC-GSE2 Datasheet HTML 2Page - Fujitsu Component Limited. MB96F385RSBPMC-GSE2 Datasheet HTML 3Page - Fujitsu Component Limited. MB96F385RSBPMC-GSE2 Datasheet HTML 4Page - Fujitsu Component Limited. MB96F385RSBPMC-GSE2 Datasheet HTML 5Page - Fujitsu Component Limited. MB96F385RSBPMC-GSE2 Datasheet HTML 6Page - Fujitsu Component Limited. MB96F385RSBPMC-GSE2 Datasheet HTML 7Page - Fujitsu Component Limited. MB96F385RSBPMC-GSE2 Datasheet HTML 8Page - Fujitsu Component Limited. MB96F385RSBPMC-GSE2 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 132 page
background image
MB96380 Series
4
FME-MB96380 rev 10
Programmable Pulse
Generator
16-bit down counter, cycle and duty setting registers
Interrupt at trigger, counter borrow and/or duty match
PWM operation and one-shot operation
Internal prescaler allows 1, 1/4, 1/16, 1/64 of peripheral clock as counter clock and
Reload timer underflow as clock input
Can be triggered by software or reload timer
Stepper Motor Control-
ler
Stepper Motor Controller with integrated high current output drivers
Four high current outputs for each channel
Two synchronized 8/10-bit PWMs per channel
Internal prescaling for PWM clock: 1, 1/4, 1/5, 1/6, 1/8, 1/10, 1/12, 1/16 of peripheral
clock
Separate power supply for high current output drivers
LCD Controller
LCD controller with up to 4 COM
× 65 SEG
Internal or external voltage generation
Duty cycle: Selectable from options: 1/2, 1/3 and 1/4
Fixed 1/3 bias
Programmable frame period
Clock source selectable from three options (peripheral clock, subclock or RC
oscillator clock)
On-chip drivers for internal divider resistors or external divider resistors
On-chip data memory for display
LCD display can be operated in Timer Mode
Blank display: selectable
All SEG, COM and V pins can be switched between general and specialized
purposes
External divided resistors can be also used to shut off the current when LCD is
deactivated
Sound Generator
8-bit PWM signal is mixed with tone frequency from 16-bit reload counter
PWM clock by internal prescaler: 1, 1/2, 1/4, 1/8 of peripheral clock
Real Time Clock
Can be clocked either from sub oscillator (devices with part number suffix “W”), main
oscillator or from the RC oscillator
Facility to correct oscillation deviation of Sub clock or RC oscillator clock (clock
calibration)
Read/write accessible second/minute/hour registers
Can signal interrupts every half second/second/minute/hour/day
Internal clock divider and prescaler provide exact 1s clock
Feature
Description


Similar Part No. - MB96F385RSBPMC-GSE2

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB96F385RSAPMC-GSE2 CYPRESS-MB96F385RSAPMC-GSE2 Datasheet
9Mb / 117P
   F2MC-16FX 16-bit Proprietary Microcontroller
More results

Similar Description - MB96F385RSBPMC-GSE2

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com