Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VNC2-64Q1B Datasheet(PDF) 10 Page - Future Technology Devices International Ltd.

Part # VNC2-64Q1B
Description  VINCULUM-II EMBEDDED DUAL USB HOST CONTROLLER IC
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

VNC2-64Q1B Datasheet(HTML) 10 Page - Future Technology Devices International Ltd.

Back Button VNC2-64Q1B Datasheet HTML 6Page - Future Technology Devices International Ltd. VNC2-64Q1B Datasheet HTML 7Page - Future Technology Devices International Ltd. VNC2-64Q1B Datasheet HTML 8Page - Future Technology Devices International Ltd. VNC2-64Q1B Datasheet HTML 9Page - Future Technology Devices International Ltd. VNC2-64Q1B Datasheet HTML 10Page - Future Technology Devices International Ltd. VNC2-64Q1B Datasheet HTML 11Page - Future Technology Devices International Ltd. VNC2-64Q1B Datasheet HTML 12Page - Future Technology Devices International Ltd. VNC2-64Q1B Datasheet HTML 13Page - Future Technology Devices International Ltd. VNC2-64Q1B Datasheet HTML 14Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 90 page
background image
Copyright © 2010 Future Technology Devices International Limited
10
Document No.: FT_000138
VINCULUM-II EMBEDDED DUAL USB HOST CONTROLLER IC Datasheet
Version -
1.2
Clearance No.: FTDI#
143
3.2 Pin Out - 32 pin QFN
25
26
27
28
29
30
31
32
16
15
14
13
12
11
10
9
GND Core
IO BUS6
IO BUS7
IO BUS8
IO BUS11
IO BUS10
IO BUS9
VCCIO 3.3V
RESET#
PROG#
IO BUS0
IO BUS1
GND IO
VCCIO 3.3V
IO BUS2
IO BUS3
FTDI
XXXXXXXXXX
VNC2-32Q
1A YYWW
Figure 3-2 32 Pin QFN – Top Down View


Similar Part No. - VNC2-64Q1B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VNC2-64Q1B ETC2-VNC2-64Q1B Datasheet
2Mb / 88P
   Future Technology Devices International Ltd
More results

Similar Description - VNC2-64Q1B

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
VNC2-32L1B-REEL FTDI-VNC2-32L1B-REEL Datasheet
2Mb / 88P
   Vinculum-II Embedded Dual USB Host Controller IC
VNC2-32L1B-TRAY FTDI-VNC2-32L1B-TRAY Datasheet
2Mb / 88P
   Vinculum-II Embedded Dual USB Host Controller IC
VNC2-64L1B-REEL FTDI-VNC2-64L1B-REEL Datasheet
2Mb / 88P
   Vinculum-II Embedded Dual USB Host Controller IC
VNC2-48Q1B-TRAY FTDI-VNC2-48Q1B-TRAY Datasheet
2Mb / 88P
   Vinculum-II Embedded Dual USB Host Controller IC
VNC1L-1A FTDI-VNC1L-1A Datasheet
767Kb / 32P
   Vinculum VNC1L Embedded USB Host Controller IC
VINCULUM-II FTDI-VINCULUM-II Datasheet
2Mb / 88P
   Future Technology Devices International Ltd Vinculum-II Embedded Dual USB Host Controller IC
VNC1L FTDI-VNC1L Datasheet
700Kb / 31P
   Embedded USB Host Controller IC
logo
Cypress Semiconductor
SL811HS CYPRESS-SL811HS Datasheet
499Kb / 29P
   Embedded USB Host/Slave Controller
SL811HS CYPRESS-SL811HS_11 Datasheet
641Kb / 32P
   Embedded USB Host/Slave Controller
SL811HS CYPRESS-SL811HS_07 Datasheet
824Kb / 32P
   Embedded USB Host/Slave Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com