Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V2-EVAL-EXT64 Datasheet(PDF) 7 Page - Future Technology Devices International Ltd.

Part # V2-EVAL-EXT64
Description  Vinculum II Evaluation Board
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

V2-EVAL-EXT64 Datasheet(HTML) 7 Page - Future Technology Devices International Ltd.

Back Button V2-EVAL-EXT64 Datasheet HTML 3Page - Future Technology Devices International Ltd. V2-EVAL-EXT64 Datasheet HTML 4Page - Future Technology Devices International Ltd. V2-EVAL-EXT64 Datasheet HTML 5Page - Future Technology Devices International Ltd. V2-EVAL-EXT64 Datasheet HTML 6Page - Future Technology Devices International Ltd. V2-EVAL-EXT64 Datasheet HTML 7Page - Future Technology Devices International Ltd. V2-EVAL-EXT64 Datasheet HTML 8Page - Future Technology Devices International Ltd. V2-EVAL-EXT64 Datasheet HTML 9Page - Future Technology Devices International Ltd. V2-EVAL-EXT64 Datasheet HTML 10Page - Future Technology Devices International Ltd. V2-EVAL-EXT64 Datasheet HTML 11Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 64 page
background image
Copyright © 2010 Future Technology Devices International Limited
6
Document Reference No.: FT_000247
V2-EVAL Vinculum II Evaluation Board Datasheet Version 2.0
Clearance No.: FTDI#148
2 Board Description
V2-Eval Board is intended for use as a hardware platform to enable easy evaluation of FTDI‟s Vinculum-II
VNC2 series of embedded USB Host / Slave controllers. The V2-Eval Board includes all the necessary
components required by a user to begin developing USB Host / Slave system applications based on the
VNC2 device.
2.1
V2-EVAL Board Features
VNC2 – Embedded USB Host / Slave chip accessible via daughterboard.
Selection of VNC2 daughterboards to support 32-pin, 48-pin and 64-pin QFN packages.
Two USB type A connectors for connecting to USB slave peripherals.
VNC2 IO port connectors grouped by port name/or function.
FT42232H –USB to quad channel UART device for VNC2 programming & debug functions.
One USB type B connector for connection to PC host via FT4232H.
4 User-programmable LEDs.
4 User-programmable push button switches.
2.2 Specifications
Board supply voltage: 4.75V … 5.25V.
Board supply current: 60mA (with no USB devices on USB1 or USB2 port).
IO connectors power output: 5V/150mA, 3.3V/150mA.
Base board dimensions: 167mm x 156mm x 1.5mm (L x W x H).
VNC2 daughterboard dimensions: 37.9mm x 32.48mm x 10.0mm (L x W x H).


Similar Description - V2-EVAL-EXT64

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
EB9021 GENNUM-EB9021 Datasheet
413Kb / 8P
   GENLINX-TM II EB9021 Evaluation Board
EB9024 GENNUM-EB9024 Datasheet
116Kb / 9P
   GENLINX-TM II EB9024 Evaluation Board
EB9035 GENNUM-EB9035 Datasheet
185Kb / 9P
   GENLINX-TM II EB9035 Evaluation Board
logo
Future Technology Devic...
VNC2-32L1B-REEL FTDI-VNC2-32L1B-REEL Datasheet
2Mb / 88P
   Vinculum-II Embedded Dual USB Host Controller IC
logo
Gennum Corporation
EB-RD35 GENNUM-EB-RD35 Datasheet
220Kb / 9P
   GENLINX-TM II EB-RD35 Evaluation Board
logo
International Rectifier
IRNBPS1 IRF-IRNBPS1 Datasheet
445Kb / 4P
   Mobile Pentium II Power Supply Evaluation Board
logo
Future Technology Devic...
VNC2-64L1B FTDI-VNC2-64L1B Datasheet
1Mb / 90P
   VINCULUM-II EMBEDDED DUAL USB HOST CONTROLLER IC
VNC2-32L1B-TRAY FTDI-VNC2-32L1B-TRAY Datasheet
2Mb / 88P
   Vinculum-II Embedded Dual USB Host Controller IC
VNC2-64L1B-REEL FTDI-VNC2-64L1B-REEL Datasheet
2Mb / 88P
   Vinculum-II Embedded Dual USB Host Controller IC
VNC2-48Q1B-TRAY FTDI-VNC2-48Q1B-TRAY Datasheet
2Mb / 88P
   Vinculum-II Embedded Dual USB Host Controller IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com