Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VNCLO-PSU-US Datasheet(PDF) 3 Page - Future Technology Devices International Ltd.

Part # VNCLO-PSU-US
Description  Vinculo Development Module
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

VNCLO-PSU-US Datasheet(HTML) 3 Page - Future Technology Devices International Ltd.

  VNCLO-PSU-US Datasheet HTML 1Page - Future Technology Devices International Ltd. VNCLO-PSU-US Datasheet HTML 2Page - Future Technology Devices International Ltd. VNCLO-PSU-US Datasheet HTML 3Page - Future Technology Devices International Ltd. VNCLO-PSU-US Datasheet HTML 4Page - Future Technology Devices International Ltd. VNCLO-PSU-US Datasheet HTML 5Page - Future Technology Devices International Ltd. VNCLO-PSU-US Datasheet HTML 6Page - Future Technology Devices International Ltd. VNCLO-PSU-US Datasheet HTML 7Page - Future Technology Devices International Ltd. VNCLO-PSU-US Datasheet HTML 8Page - Future Technology Devices International Ltd. VNCLO-PSU-US Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
Copyright © 2010 Future Technology Devices International Limited
2
Document Reference No.: FT_000327
Vinculo Development Module Datasheet Version 1.0
Clearance No.: FTDI#173
1.1 Key Features
The Vinculo incorporates the following features
:
Microcontroller:
VNC2-64Q
Operating voltage:
5V
Input power supply:
9V
Digital I/O:
30
Analogue I/O:
8
USB port:
2 – configurable for host or device operation
FLASH memory:
256kbytes
RAM:
16kbytes
Variable clock speeds:
12/24/48MHz
Superset of the Arduino Duemilanove / Uno development boards.
FTDI Integrated Development Environment (IDE) including code editor, compiler, assembler and
debugger, which is supplied free of charge, and supports ANSII C coding for easy portability and
maintainability.
Precompiled drivers for a variety of interfaces e.g. USB, UART, SPI.
Precompiled driver support for a wide range of USB host classes including Mass Storage, Human
Interface Devices (keyboards, mice), audio devices, video devices (webcam) with many more
under developed.
Precompiled driver support for a wide range of USB device classes including FTDI peripheral ICs,
Human Interface Devices (keyboards, mice) with many more under developed.
Compatible with existing Arduino shields.
A software configuration wizard is currentlty under development.
1.2 VNC2 IC
VNC2 is the second of FTDI’s Vinculum family of Embedded dual USB host controller devices. VNC2 device
provides USB Host interfacing capability for a variety of different USB device classes including support for
BOMS (bulk only mass storage), Printer, HID (human interface devices). For mass storage devices such
as USB Flash drives, VNC2 also transparently handles the FAT file structure.
Communication with non USB devices such as a low cost microcontroller is accomplished via either UART,
SPI or parallel FIFO interfaces. VNC2 provides a new cost effective solution for providing USB Host
capability into products that previously did not have the hardware resources available.
VNC2 has the capability to enable customers to develop custom firmware using the Vinculum II
development software tool suite. The development tools support compiler, assembler, linker and
debugger tools complete within an integrated development environment (IDE).
The Vinculum-II family of devices are available in Pb-free (RoHS compliant) 32-lead LQFP, 32-lead QFN,
48-lead LQFP, 48-lead QFN, 64-Lead LQFP and 64-lead QFN packages For more information on the ICs
refer to http://www.ftdichip.com/Products/ICs/VNC2.htm


Similar Part No. - VNCLO-PSU-US

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VNC VISHAY-VNC Datasheet
97Kb / 5P
   Vitreous Wirewound Power Resistors
VNC08044A4702JB VISHAY-VNC08044A4702JB Datasheet
97Kb / 5P
   Vitreous Wirewound Power Resistors
VNC08044A4702KB VISHAY-VNC08044A4702KB Datasheet
97Kb / 5P
   Vitreous Wirewound Power Resistors
VNC08044A47R0JB VISHAY-VNC08044A47R0JB Datasheet
97Kb / 5P
   Vitreous Wirewound Power Resistors
VNC08044A47R0KB VISHAY-VNC08044A47R0KB Datasheet
97Kb / 5P
   Vitreous Wirewound Power Resistors
More results

Similar Description - VNCLO-PSU-US

ManufacturerPart #DatasheetDescription
logo
Bridgetek Pte Ltd.
MM900EVXA BRIDGETEK-MM900EVXA Datasheet
2Mb / 38P
   Development Module
Version 1.3
MM900EVXB BRIDGETEK-MM900EVXB Datasheet
4Mb / 35P
   Development Module
Version 1.0
MM932LC BRIDGETEK-MM932LC Datasheet
542Kb / 20P
   Development Module
Version 1.0
MM930LITE BRIDGETEK-MM930LITE Datasheet
822Kb / 22P
   Development Module
Version 1.0
logo
List of Unclassifed Man...
DWM1001-DEV ETC2-DWM1001-DEV Datasheet
1Mb / 15P
   DWM1001 Module Development
logo
Future Technology Devic...
UMFT234XF FTDI-UMFT234XF Datasheet
443Kb / 13P
   UMFT234XF Development Module
logo
Prosoft-Technology
MVI69-ADM PROSOFT-MVI69-ADM Datasheet
319Kb / 2P
   Programmable Application Development Module
MVI56-ADM PROSOFT-MVI56-ADM Datasheet
270Kb / 2P
    Programmable Application Development Module
MVI94-ADM PROSOFT-MVI94-ADM Datasheet
89Kb / 2P
   Programmable Application Development Module
logo
NXP Semiconductors
CSM-56F801 NXP-CSM-56F801 Datasheet
281Kb / 13P
   Development Module for Freescale DSP56F801
07/2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com