Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB95F432KP-G-SH-SNE2 Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # MB95F432KP-G-SH-SNE2
Description  8-bit Microcontrollers
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB95F432KP-G-SH-SNE2 Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  MB95F432KP-G-SH-SNE2 Datasheet HTML 1Page - Fujitsu Component Limited. MB95F432KP-G-SH-SNE2 Datasheet HTML 2Page - Fujitsu Component Limited. MB95F432KP-G-SH-SNE2 Datasheet HTML 3Page - Fujitsu Component Limited. MB95F432KP-G-SH-SNE2 Datasheet HTML 4Page - Fujitsu Component Limited. MB95F432KP-G-SH-SNE2 Datasheet HTML 5Page - Fujitsu Component Limited. MB95F432KP-G-SH-SNE2 Datasheet HTML 6Page - Fujitsu Component Limited. MB95F432KP-G-SH-SNE2 Datasheet HTML 7Page - Fujitsu Component Limited. MB95F432KP-G-SH-SNE2 Datasheet HTML 8Page - Fujitsu Component Limited. MB95F432KP-G-SH-SNE2 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 56 page
background image
MB95430H Series
DS07–12xxx–1E
3
■ PRODUCT LINE-UP
(Continued)
Part number
Parameter
MB95F432H
MB95F433H
MB95F434H
MB95F432K
MB95F433K
MB95F434K
Type
Flash memory product
Clock
supervisor
counter
It supervises the main clock oscillation.
Program ROM
capacity
8 Kbyte
12 Kbyte
20 Kbyte
8 Kbyte
12 Kbyte
20 Kbyte
RAM capacity
240 bytes
240 bytes
496 bytes
240 bytes
240 bytes
496 bytes
Low-voltage
detection reset
No
Yes
Reset input
Dedicated
Selected by software
CPU functions
Number of basic instructions
: 136
Instruction bit length
: 8 bits
Instruction length
: 1 to 3 bytes
Data bit length
: 1, 8 and 16 bits
Minimum instruction execution time : 61.5 ns (with machine clock = 16.25 MHz)
Interrupt processing time
: 0.6 µs (with machine clock = 16.25 MHz)
General-
purpose I/O
I/O ports (Max): 28
CMOS I/O: 27
N-ch open drain: 1
I/O ports (Max): 29
CMOS I/O: 27
N-ch open drain: 2
Time-base
timer
Interrupt cycle: 0.256 ms to 8.3 s (when external clock = 4 MHz)
Hardware/
software
watchdog timer
Reset generation cycle
- Main oscillation clock at 10 MHz: 105 ms (Min)
The sub-CR clock can be used as the source clock of the hardware watchdog timer.
Wild register
It can be used to replace three bytes of data.
8/10-bit A/D
converter
17 channels (Ch. 16 is the channel for OPAMP output.)
8-bit resolution and 10-bit resolution can be chosen.
8/16-bit
composite
timer
1 channel
The timer can be configured as an "8-bit timer
× 2 channels" or a "16-bit timer × 1 channel".
It has built-in timer function, PWC function, PWM function and input capture function.
Count clock: it can be selected from internal clocks (seven types) and external clocks.
It can output square wave.
External
interrupt
8 channels
Interrupt by edge detection (The rising edge, falling edge, or both edges can be selected.)
It can be used to wake up the device from different standby modes.
On-chip debug
1-wire serial control
It supports serial writing. (asynchronous mode)
UART/SIO
1 channel
Data transfer with UART/SIO is enabled.
It has a full duplex double buffer, variable data length (5/6/7/8 bits), a built-in baud rate
generator and an error detection function.
It uses the NRZ type transfer format.
LSB-first data transfer and MSB-first data transfer are available to use.
Clock-asynchronous (UART) serial data transfer and clock-synchronous (SIO) serial data
transfer is enabled.


Similar Part No. - MB95F432KP-G-SH-SNE2

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB95F414HPMC-G-SNE2 CYPRESS-MB95F414HPMC-G-SNE2 Datasheet
2Mb / 85P
   New 8FX 8-bit Microcontrollers
MB95F414KPMC-G-SNE2 CYPRESS-MB95F414KPMC-G-SNE2 Datasheet
2Mb / 85P
   New 8FX 8-bit Microcontrollers
MB95F416HPMC-G-SNE2 CYPRESS-MB95F416HPMC-G-SNE2 Datasheet
2Mb / 85P
   New 8FX 8-bit Microcontrollers
MB95F416KPMC-G-SNE2 CYPRESS-MB95F416KPMC-G-SNE2 Datasheet
2Mb / 85P
   New 8FX 8-bit Microcontrollers
MB95F418HPMC-G-SNE2 CYPRESS-MB95F418HPMC-G-SNE2 Datasheet
2Mb / 85P
   New 8FX 8-bit Microcontrollers
More results

Similar Description - MB95F432KP-G-SH-SNE2

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
1509381 ATMEL-1509381 Datasheet
2Mb / 9P
   8-bit Microcontrollers
logo
Motorola, Inc
MC68HC11A8TS MOTOROLA-MC68HC11A8TS Datasheet
286Kb / 45P
   8-Bit Microcontrollers
logo
Freescale Semiconductor...
MC68HC11EA9 FREESCALE-MC68HC11EA9 Datasheet
1Mb / 58P
   8-Bit Microcontrollers
logo
ELAN Microelectronics C...
EM78P5840N EMC-EM78P5840N Datasheet
807Kb / 68P
   8-Bit Microcontrollers
logo
Freescale Semiconductor...
MC9RS08KA2FS FREESCALE-MC9RS08KA2FS Datasheet
185Kb / 2P
   8-bit Microcontrollers
logo
NXP Semiconductors
MC908JL16 NXP-MC908JL16 Datasheet
681Kb / 2P
   8-bit Microcontrollers
REV 0
P83C524 PHILIPS-P83C524 Datasheet
400Kb / 76P
   8-bit microcontrollers
1997 Dec 15
logo
Freescale Semiconductor...
MC9RS08KA84FS FREESCALE-MC9RS08KA84FS Datasheet
200Kb / 2P
   8-bit Microcontrollers
logo
Fujitsu Component Limit...
MB95F562H FUJITSU-MB95F562H Datasheet
609Kb / 84P
   8-bit Microcontrollers
MB95130MB FUJITSU-MB95130MB Datasheet
790Kb / 64P
   8-bit Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com