Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90357ES Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # MB90357ES
Description  16-bit Microcontrollers
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90357ES Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  MB90357ES Datasheet HTML 1Page - Fujitsu Component Limited. MB90357ES Datasheet HTML 2Page - Fujitsu Component Limited. MB90357ES Datasheet HTML 3Page - Fujitsu Component Limited. MB90357ES Datasheet HTML 4Page - Fujitsu Component Limited. MB90357ES Datasheet HTML 5Page - Fujitsu Component Limited. MB90357ES Datasheet HTML 6Page - Fujitsu Component Limited. MB90357ES Datasheet HTML 7Page - Fujitsu Component Limited. MB90357ES Datasheet HTML 8Page - Fujitsu Component Limited. MB90357ES Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 92 page
background image
MB90350E Series
2
DS07-13744-4E
■ FEATURES
• Clock
• Built-in PLL clock frequency multiplication circuit
• Selection of machine clocks (PLL clocks) is allowed among frequency division by two on oscillation clock, and
multiplication of 1 to 6 times of oscillation clock (for 4 MHz oscillation clock, 4 MHz to 24 MHz).
• Operation by sub clock (up to 50 kHz : 100 kHz oscillation clock divided by two) is allowed (devices without
S-suffix only) .
• Minimum execution time of instruction : 42 ns (when operating with 4-MHz oscillation clock, and 6-time
multiplied PLL clock).
• Built-in clock modulation circuit
• 16 Mbytes CPU memory space
24-bit internal addressing
• Instruction system best suited to controller
• Wide choice of data types (bit, byte, word, and long word)
• Wide choice of addressing modes (23 types)
• Enhanced multiply-divide instructions with sign and RETI instructions
• Clock supervisor (MB90x356x and MB90x357x only)
Main clock or sub clock is monitored independently.
• Enhanced high-precision computing with 32-bit accumulator
• Instruction system compatible with high-level language (C language) and multitask
• Employing system stack pointer
• Enhanced various pointer indirect instructions
• Barrel shift instructions
• Increased processing speed
4-byte instruction queue
• Powerful interrupt function
• Powerful 8-level, 34-condition interrupt feature
• Up to 8 channels external interrupts are supported.
• Automatic data transfer function independent of CPU
• Extended intelligent I/O service function (EI2OS) : up to 16 channels
• DMA : up to 16 channels
• Low power consumption (standby) mode
• Sleep mode (a mode that stops CPU operating clock)
• Main timer mode (a timebase timer mode switched from the main clock mode)
• PLL timer mode (a timebase timer mode switched from the PLL clock mode)
• Watch mode (a mode that operates sub clock and watch timer only)
• Stop mode (a mode that stops oscillation clock and sub clock)
• CPU intermittent operation mode
• Process
CMOS technology
• I/O port
• General-purpose input/output port (CMOS output)
- 49 ports (devices without S-suffix : devices that correspond to sub clock)
- 51 ports (devices with S-suffix : devices that do not correspond to sub clock)
(Continued)


Similar Part No. - MB90357ES

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90357ESPMC FUJITSU-MB90357ESPMC Datasheet
899Kb / 85P
   16-bit Proprietary Microcontrollers
logo
Cypress Semiconductor
MB90357ESPMC CYPRESS-MB90357ESPMC Datasheet
3Mb / 85P
   F2MC-16LX16-bit Microcontrollers
logo
Fujitsu Component Limit...
MB90357ESPMC1 FUJITSU-MB90357ESPMC1 Datasheet
899Kb / 85P
   16-bit Proprietary Microcontrollers
logo
Cypress Semiconductor
MB90357ESPMC1 CYPRESS-MB90357ESPMC1 Datasheet
3Mb / 85P
   F2MC-16LX16-bit Microcontrollers
More results

Similar Description - MB90357ES

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
IA80C186 INNOVASIC-IA80C186 Datasheet
22Kb / 2P
   16-BIT MICROCONTROLLERS
IA188ES INNOVASIC-IA188ES Datasheet
33Kb / 2P
   16-BIT MICROCONTROLLERS
logo
Freescale Semiconductor...
MC9S12DJ256FS FREESCALE-MC9S12DJ256FS Datasheet
82Kb / 2P
   16-bit Microcontrollers
logo
Fujitsu Component Limit...
MB90330A_9E FUJITSU-MB90330A_9E Datasheet
429Kb / 72P
   16-bit microcontrollers
MB90335 FUJITSU-MB90335_10 Datasheet
284Kb / 48P
   16-bit microcontrollers
logo
InnovASIC, Inc
IA186EM INNOVASIC-IA186EM Datasheet
33Kb / 2P
   16-BIT MICROCONTROLLERS
IA186EB INNOVASIC-IA186EB Datasheet
1Mb / 85P
   8-Bit/16-Bit Microcontrollers
IA186EM INNOVASIC-IA186EM_11 Datasheet
1Mb / 146P
   8-Bit/16-Bit Microcontrollers
IA188EBPLC84IR2 INNOVASIC-IA188EBPLC84IR2 Datasheet
1Mb / 85P
   8-Bit/16-Bit Microcontrollers
IA186ES INNOVASIC-IA186ES_11 Datasheet
1Mb / 154P
   8-Bit/16-Bit Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com