Electronic Components Datasheet Search |
|
MB90F828BPF Datasheet(PDF) 3 Page - Fujitsu Component Limited. |
|
MB90F828BPF Datasheet(HTML) 3 Page - Fujitsu Component Limited. |
3 / 56 page MB90820B Series DS07-13751-2E 3 ■ PRODUCT LINEUP (Continued) Part number Item MB90V820B MB90F822B MB90F823B MB90F828B MB90822B MB90823B Classification Evaluation product Flash memory product with flash security MASK ROM product ROM size — 64 K bytes 128 K bytes 128 K bytes 64 K bytes 128 K bytes RAM size 16 K bytes 4 K bytes 8 K bytes 4 K bytes CPU function Number of instruction : 351 Minimum execution time : 42 ns / 4 MHz (PLL × 6) Addressing mode : 23 Data bit length : 1, 8, 16 bits Maximum memory space: 16 M bytes I/O port I/O port (CMOS) : 66 PWC Pulse width counter timer : 2 channels Timer function (select the counter timer from three internal clocks) Various pulse width measuring function (“H” pulse width, “L” pulse width, rising edge to fall- ing edge period, falling edge to rising edge period, rising edge to rising edge period and fall- ing edge to falling edge period) UART UART : 2 channels With full-duplex double buffer (8-bit length) Clock asynchronized or clock synchronized transmission (with start and stop bits) can be selected and used. Transmission can be one-to-one (bidirectional communication) or one-to-n (master-slave communication). 16-bit reload timer Reload timer : 2 channels Reload mode, single-shot mode or event count mode selectable 16-bit PPG timer PPG timer : 3 channels PWM mode or single-shot mode selectable Ch.0 can be worked with multi-functional timer or independently. Multi-functional timer (for AC/DC motor control) 16-bit free-run timer with up or up-down mode selection and buffer : 1 channel 16-bit output compare : 6 channels 16-bit input capture : 4 channels 16-bit PPG timer : 1 channel Waveform generator (16-bit timer : 3 channels, 3-phase waveform or dead time) 8/10-bit A/D converter 8/10-bit resolution (16 channels) Conversion time : Min 3 µs (24 MHz internal clock, including sampling time) 8-bit D/A converter 8-bit resolution (2 channels) DTP/External interrupt 8 independent channels Interrupt trigger : Rising edge, falling edge, “L” level or “H” level Clock supervisor No Yes No Low-power consumption Stop mode / Sleep mode / CPU intermittent operation mode |
Similar Part No. - MB90F828BPF |
|
Similar Description - MB90F828BPF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |