Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FT232R Datasheet(PDF) 11 Page - Future Technology Devices International Ltd.

Part # FT232R
Description  USB UART IC - Single chip USB to asynchronous serial data transfer interface
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232R Datasheet(HTML) 11 Page - Future Technology Devices International Ltd.

Back Button FT232R_10 Datasheet HTML 7Page - Future Technology Devices International Ltd. FT232R_10 Datasheet HTML 8Page - Future Technology Devices International Ltd. FT232R_10 Datasheet HTML 9Page - Future Technology Devices International Ltd. FT232R_10 Datasheet HTML 10Page - Future Technology Devices International Ltd. FT232R_10 Datasheet HTML 11Page - Future Technology Devices International Ltd. FT232R_10 Datasheet HTML 12Page - Future Technology Devices International Ltd. FT232R_10 Datasheet HTML 13Page - Future Technology Devices International Ltd. FT232R_10 Datasheet HTML 14Page - Future Technology Devices International Ltd. FT232R_10 Datasheet HTML 15Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
Copyright © 2010 Future Technology Devices International Limited
11
Document No.: FT_000053
FT232R USB UART IC Datasheet Version 2.07
Clearance No.: FTDI# 38
Pin No.
Name
Type
Description
16
3V3OUT
Output
+3.3V output from integrated LDO regulator. This pin should be decoupled to
ground using a 100nF capacitor. The purpose of this output is to provide the
internal +3.3V supply to the USB transceiver cell and the internal 1.5kΩ pull up
resistor on USBDP. Up to 50mA can be drawn from this pin to power external logic if
required. This pin can also be used to supply the VCCIO pin.
19
VCC
PWR
+3.3V to +5.25V supply to the device core. (See Note 1).
24
AGND
PWR
Device analogue ground supply for internal clock multiplier.
Table 3.6 Power and Ground Group
Pin No.
Name
Type
Description
5, 12,
13, 23,
25, 29
NC
NC
No internal connection. Do not connect.
18
RESET#
Input
Active low reset. Can be used by an external device to reset the FT232R. If not
required can be left unconnected, or pulled up to VCC.
26
TEST
Input
Puts the device into IC test mode. Must be tied to GND for normal operation,
otherwise the device will appear to fail.
27
OSCI
Input
Input 12MHz Oscillator Cell. Optional – Can be left unconnected for normal
operation. (See Note 2).
28
OSCO
Output
Output from 12MHZ Oscillator Cell. Optional – Can be left unconnected for normal
operation if internal Oscillator is used. (See Note 2).
Table 3.7 Miscellaneous Signal Group
Pin
No.
Name
Type
Description
30
TXD
Output
Transmit Asynchronous Data Output.
31
DTR#
Output
Data Terminal Ready Control Output / Handshake Signal.
32
RTS#
Output
Request to Send Control Output / Handshake Signal.
2
RXD
Input
Receiving Asynchronous Data Input.
3
RI#
Input
Ring Indicator Control Input. When remote wake up is enabled in the internal EEPROM
taking RI# low (20ms active low pulse) can be used to resume the PC USB host
controller from suspend.
6
DSR#
Input
Data Set Ready Control Input / Handshake Signal.
7
DCD#
Input
Data Carrier Detect Control Input.
8
CTS#
Input
Clear To Send Control Input / Handshake Signal.
9
CBUS4
I/O
Configurable CBUS output only Pin. Function of this pin is configured in the device
internal EEPROM. Factory default configuration is SLEEP#. See CBUS Signal Options,
Table 3.9.
10
CBUS2
I/O
Configurable CBUS I/O Pin. Function of this pin is configured in the device internal
EEPROM. Factory default configuration is TXDEN. See CBUS Signal Options, Table 3.9.


Similar Part No. - FT232R_10

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT232RL FTDI-FT232RL Datasheet
795Kb / 29P
   Incorporating Clock Generator Output and FTDIChip-ID Security Dongle
logo
List of Unclassifed Man...
FT232RL ETC2-FT232RL Datasheet
776Kb / 43P
   Future Technology Devices International Ltd.
logo
Future Technology Devic...
FT232RL FTDI-FT232RL Datasheet
254Kb / 13P
   Bit Bang Modes for the FT232R and FT245R
FT232RL FTDI-FT232RL Datasheet
1Mb / 40P
   Single chip USB to asynchronous serial data transfer interface
FT232RL-REEL FTDI-FT232RL-REEL Datasheet
832Kb / 47P
   USB UART IC
More results

Similar Description - FT232R_10

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT231XQ-T FTDI-FT231XQ-T Datasheet
830Kb / 44P
   Single chip USB to asynchronous serial data transfer interface
FT232RL FTDI-FT232RL_V01 Datasheet
1Mb / 40P
   Single chip USB to asynchronous serial data transfer interface
logo
Freescale Semiconductor...
USB2SER FREESCALE-USB2SER Datasheet
1Mb / 28P
   USB to UART Application Specific IC Single chip USB to UART Data Transfer
logo
Future Technology Devic...
FT245R FTDI-FT245R_10 Datasheet
772Kb / 37P
   USB FIFO IC - Single chip USB to parallel FIFO bidirectional data transfer interface
logo
List of Unclassifed Man...
CH340G ETC-CH340G Datasheet
2Mb / 9P
   USB to UART Interface
CH340G ETC2-CH340G Datasheet
207Kb / 6P
   USB to UART Interface
logo
Future Technology Devic...
FT232BQ FTDI-FT232BQ Datasheet
557Kb / 26P
   USB UART ( USB - Serial) I.C.
FT232BM FTDI-FT232BM Datasheet
575Kb / 25P
   USB UART ( USB - Serial) I.C.
logo
List of Unclassifed Man...
CP2101 ETC-CP2101 Datasheet
348Kb / 14P
   Single-Chip USB to UART Bridge
CP2103 ETC1-CP2103 Datasheet
399Kb / 18P
   SINGLE-CHIP USB TO UART BRIDGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com