Electronic Components Datasheet Search |
|
MB90F352TES Datasheet(PDF) 10 Page - Fujitsu Component Limited. |
|
MB90F352TES Datasheet(HTML) 10 Page - Fujitsu Component Limited. |
10 / 92 page MB90350E Series 10 DS07-13744-4E (Continued) * : It is setting of Jumper switch (TOOL VCC) when Emulator (MB2147-01) is used. Please refer to the Emulator hardware manual about details. Part Number Parameter MB90F356E MB90F357E MB90F356TE MB90F357TE MB90F356ES MB90F357ES MB90F356TES MB90F357TES 16-bit input capture 6 channels Retains 16-bit free-run timer value by (rising edge, falling edge or rising & falling edge), sig- nals an interrupt. 8/16-bit programmable pulse generator 6 channels (16-bit)/10 channels (8-bit) 8-bit reload counters × 12 8-bit reload registers for L pulse width × 12 8-bit reload registers for H pulse width × 12 Supports 8-bit and 16-bit operation modes. A pair of 8-bit reload counters can be configured as one 16-bit reload counter or as 8-bit prescaler + 8-bit reload counter. Operation clock frequency : fsys, fsys/21, fsys/22, fsys/23, fsys/24 or 128 µs@fosc = 4 MHz (fsys = Machine clock frequency, fosc = Oscillation clock frequency) CAN interface 1 channel Conforms to CAN Specification Version 2.0 Part A and B. Automatic re-transmission in case of error Automatic transmission responding to Remote Frame Prioritized 16 message buffers for data and ID Supports multiple messages. Flexible configuration of acceptance filtering : Full bit compare/Full bit mask/Two partial bit masks Supports up to 1 Mbps. External interrupt 8 channels Can be used rising edge, falling edge, starting up by H/L level input, external interrupt, extended intelligent I/O services (EI2OS) and DMA. D/A converter ⎯ I/O ports Virtually all external pins can be used as general purpose I/O port. All push-pull outputs Bit-wise settable as input/output or peripheral module signal Settable as CMOS schmitt trigger/ automotive inputs TTL input level settable for external bus (only for external bus pin) Flash memory Supports automatic programming, Embedded Algorithm Write/Erase/Erase-Suspend/Resume commands A flag indicating completion of the algorithm Number of erase cycles : 10000 times Data retention time : 20 years Boot block configuration Erase can be performed on each block. Block protection with external programming voltage Flash Security Feature for protecting the content of the Flash (MB90F357x only) Corresponding EVA name MB90V340E-104 MB90V340E-103 |
Similar Part No. - MB90F352TES |
|
Similar Description - MB90F352TES |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |