Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90F828BPMC1 Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # MB90F828BPMC1
Description  16-bit Microcontroller
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F828BPMC1 Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  MB90F828BPMC1 Datasheet HTML 1Page - Fujitsu Component Limited. MB90F828BPMC1 Datasheet HTML 2Page - Fujitsu Component Limited. MB90F828BPMC1 Datasheet HTML 3Page - Fujitsu Component Limited. MB90F828BPMC1 Datasheet HTML 4Page - Fujitsu Component Limited. MB90F828BPMC1 Datasheet HTML 5Page - Fujitsu Component Limited. MB90F828BPMC1 Datasheet HTML 6Page - Fujitsu Component Limited. MB90F828BPMC1 Datasheet HTML 7Page - Fujitsu Component Limited. MB90F828BPMC1 Datasheet HTML 8Page - Fujitsu Component Limited. MB90F828BPMC1 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 56 page
background image
MB90820B Series
DS07-13751-2E
3
■ PRODUCT LINEUP
(Continued)
Part number
Item
MB90V820B
MB90F822B
MB90F823B
MB90F828B
MB90822B
MB90823B
Classification
Evaluation
product
Flash memory product
with flash security
MASK ROM product
ROM size
64 K bytes
128 K bytes
128 K bytes
64 K bytes
128 K bytes
RAM size
16 K bytes
4 K bytes
8 K bytes
4 K bytes
CPU function
Number of instruction : 351
Minimum execution time : 42 ns / 4 MHz (PLL
× 6)
Addressing mode : 23
Data bit length : 1, 8, 16 bits
Maximum memory space: 16 M bytes
I/O port
I/O port (CMOS) : 66
PWC
Pulse width counter timer : 2 channels
Timer function (select the counter timer from three internal clocks)
Various pulse width measuring function (“H” pulse width, “L” pulse width, rising edge to fall-
ing edge period, falling edge to rising edge period, rising edge to rising edge period and fall-
ing edge to falling edge period)
UART
UART : 2 channels
With full-duplex double buffer (8-bit length)
Clock asynchronized or clock synchronized transmission (with start and stop bits) can be
selected and used.
Transmission can be one-to-one (bidirectional communication) or one-to-n (master-slave
communication).
16-bit
reload timer
Reload timer : 2 channels
Reload mode, single-shot mode or event count mode selectable
16-bit
PPG timer
PPG timer : 3 channels
PWM mode or single-shot mode selectable
Ch.0 can be worked with multi-functional timer or independently.
Multi-functional
timer
(for AC/DC
motor control)
16-bit free-run timer with up or up-down mode selection and buffer : 1 channel
16-bit output compare : 6 channels
16-bit input capture : 4 channels
16-bit PPG timer : 1 channel
Waveform generator (16-bit timer : 3 channels, 3-phase waveform or dead time)
8/10-bit
A/D converter
8/10-bit resolution (16 channels)
Conversion time : Min 3
µs (24 MHz internal clock, including sampling time)
8-bit
D/A converter
8-bit resolution (2 channels)
DTP/External
interrupt
8 independent channels
Interrupt trigger : Rising edge, falling edge, “L” level or “H” level
Clock supervisor
No
Yes
No
Low-power
consumption
Stop mode / Sleep mode / CPU intermittent operation mode


Similar Part No. - MB90F828BPMC1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F822A FUJITSU-MB90F822A Datasheet
1Mb / 100P
   16-bit Proprietary Microcontroller
MB90F822APF FUJITSU-MB90F822APF Datasheet
1Mb / 100P
   16-bit Proprietary Microcontroller
MB90F822APFM FUJITSU-MB90F822APFM Datasheet
1Mb / 100P
   16-bit Proprietary Microcontroller
MB90F822APFV FUJITSU-MB90F822APFV Datasheet
1Mb / 100P
   16-bit Proprietary Microcontroller
logo
List of Unclassifed Man...
MB90F822PF ETC1-MB90F822PF Datasheet
1Mb / 98P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90F828BPMC1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com