Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB95F432H Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # MB95F432H
Description  8-bit Microcontrollers
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB95F432H Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  MB95F432H Datasheet HTML 1Page - Fujitsu Component Limited. MB95F432H Datasheet HTML 2Page - Fujitsu Component Limited. MB95F432H Datasheet HTML 3Page - Fujitsu Component Limited. MB95F432H Datasheet HTML 4Page - Fujitsu Component Limited. MB95F432H Datasheet HTML 5Page - Fujitsu Component Limited. MB95F432H Datasheet HTML 6Page - Fujitsu Component Limited. MB95F432H Datasheet HTML 7Page - Fujitsu Component Limited. MB95F432H Datasheet HTML 8Page - Fujitsu Component Limited. MB95F432H Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 56 page
background image
MB95430H Series
2
DS07–12xxx–1E
(Continued)
•I2C
× 1 channel
• Built-in wake-up function
• Voltage comparator
× 4 channels
• Operational amplifier (OPAMP)
× 1 channel
• Software-select programmable gain
• Software-select standalone option
• Power down function included
• External interrupt
× 8 channels
• Interrupt by edge detection (rising edge, falling edge, and both edges can be selected)
• Can be used to wake up the device from different low power consumption (standby) modes
• 8/10-bit A/D converter
× 17 channels
• 8-bit and 10-bit resolution can be chosen.
• Low power consumption (standby) modes
• Stop mode
• Sleep mode
•Watch mode
• Time-base timer mode
• I/O port
• MB95F432H/F433H/F434H (maximum no. of I/O ports: 28)
General-purpose I/O ports (N-ch open drain)
: 1
General-purpose I/O ports (CMOS I/O)
: 27
• MB95F432K/F433K/F434K (maximum no. of I/O ports: 29)
General-purpose I/O ports (N-ch open drain)
: 2
General-purpose I/O ports (CMOS I/O)
: 27
• On-chip debug
• 1-wire serial control
• Serial writing supported (asynchronous mode)
• Hardware/software watchdog timer
• Built-in hardware watchdog timer
• Built-in software watchdog timer
• Low-voltage detection reset circuit
• Built-in low-voltage detector
• Clock supervisor counter
• Built-in clock supervisor counter function
• Programmable port input voltage level
• CMOS input level / hysteresis input level
• Dual operation Flash memory
• The erase/write operation and the read operation can be executed in different banks (upper bank/lower
bank) simultaneously.
• Flash memory security function
• Protects the content of the Flash memory


Similar Part No. - MB95F432H

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB95F414HPMC-G-SNE2 CYPRESS-MB95F414HPMC-G-SNE2 Datasheet
2Mb / 85P
   New 8FX 8-bit Microcontrollers
MB95F414KPMC-G-SNE2 CYPRESS-MB95F414KPMC-G-SNE2 Datasheet
2Mb / 85P
   New 8FX 8-bit Microcontrollers
MB95F416HPMC-G-SNE2 CYPRESS-MB95F416HPMC-G-SNE2 Datasheet
2Mb / 85P
   New 8FX 8-bit Microcontrollers
MB95F416KPMC-G-SNE2 CYPRESS-MB95F416KPMC-G-SNE2 Datasheet
2Mb / 85P
   New 8FX 8-bit Microcontrollers
MB95F418HPMC-G-SNE2 CYPRESS-MB95F418HPMC-G-SNE2 Datasheet
2Mb / 85P
   New 8FX 8-bit Microcontrollers
More results

Similar Description - MB95F432H

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
1509381 ATMEL-1509381 Datasheet
2Mb / 9P
   8-bit Microcontrollers
logo
Motorola, Inc
MC68HC11A8TS MOTOROLA-MC68HC11A8TS Datasheet
286Kb / 45P
   8-Bit Microcontrollers
logo
Freescale Semiconductor...
MC68HC11EA9 FREESCALE-MC68HC11EA9 Datasheet
1Mb / 58P
   8-Bit Microcontrollers
logo
ELAN Microelectronics C...
EM78P5840N EMC-EM78P5840N Datasheet
807Kb / 68P
   8-Bit Microcontrollers
logo
Freescale Semiconductor...
MC9RS08KA2FS FREESCALE-MC9RS08KA2FS Datasheet
185Kb / 2P
   8-bit Microcontrollers
logo
NXP Semiconductors
MC908JL16 NXP-MC908JL16 Datasheet
681Kb / 2P
   8-bit Microcontrollers
REV 0
P83C524 PHILIPS-P83C524 Datasheet
400Kb / 76P
   8-bit microcontrollers
1997 Dec 15
logo
Freescale Semiconductor...
MC9RS08KA84FS FREESCALE-MC9RS08KA84FS Datasheet
200Kb / 2P
   8-bit Microcontrollers
logo
Fujitsu Component Limit...
MB95F562H FUJITSU-MB95F562H Datasheet
609Kb / 84P
   8-bit Microcontrollers
MB95130MB FUJITSU-MB95130MB Datasheet
790Kb / 64P
   8-bit Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com