Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90F823BPMC1 Datasheet(PDF) 11 Page - Fujitsu Component Limited.

Part # MB90F823BPMC1
Description  16-bit Microcontroller
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F823BPMC1 Datasheet(HTML) 11 Page - Fujitsu Component Limited.

Back Button MB90F823BPMC1 Datasheet HTML 7Page - Fujitsu Component Limited. MB90F823BPMC1 Datasheet HTML 8Page - Fujitsu Component Limited. MB90F823BPMC1 Datasheet HTML 9Page - Fujitsu Component Limited. MB90F823BPMC1 Datasheet HTML 10Page - Fujitsu Component Limited. MB90F823BPMC1 Datasheet HTML 11Page - Fujitsu Component Limited. MB90F823BPMC1 Datasheet HTML 12Page - Fujitsu Component Limited. MB90F823BPMC1 Datasheet HTML 13Page - Fujitsu Component Limited. MB90F823BPMC1 Datasheet HTML 14Page - Fujitsu Component Limited. MB90F823BPMC1 Datasheet HTML 15Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
MB90820B Series
DS07-13751-2E
11
■ I/O CIRCUIT TYPE
(Continued)
Classification
Type
Remarks
A
Oscillation feedback resistor :
approx. 1 M
B
• Hysteresis input
• Pull-up resistor : approx. 50 k
C
• CMOS output
• Hysteresis input
• Selectable pull-up resistor :
approx. 50 k
•IOL = 12 mA
D
• CMOS output
• Hysteresis input
• Selectable pull-up resistor :
approx. 50 k
•IOL = 4 mA
E
• CMOS output
•CMOS input
• With pull-up control
•IOL = 4 mA
X1
X0
P-ch
N-ch
Clock
input
Standby control signal
R
P-ch
N-ch
R
P-ch
Digital output
Pull-up control
Hysteresis input
Digital output
Standby mode control
P-ch
N-ch
R
P-ch
Digital output
Pull-up control
Hysteresis input
Digital output
Standby mode control
P-ch
N-ch
R
P-ch
Digital output
Pull-up control
CMOS input
Digital output
Standby mode control


Similar Part No. - MB90F823BPMC1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F823A FUJITSU-MB90F823A Datasheet
1Mb / 100P
   16-bit Proprietary Microcontroller
MB90F823APF FUJITSU-MB90F823APF Datasheet
1Mb / 100P
   16-bit Proprietary Microcontroller
MB90F823APFM FUJITSU-MB90F823APFM Datasheet
1Mb / 100P
   16-bit Proprietary Microcontroller
MB90F823APFV FUJITSU-MB90F823APFV Datasheet
1Mb / 100P
   16-bit Proprietary Microcontroller
logo
List of Unclassifed Man...
MB90F823PF ETC1-MB90F823PF Datasheet
1Mb / 98P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90F823BPMC1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com