Electronic Components Datasheet Search |
|
MB90F583CPF Datasheet(PDF) 5 Page - Fujitsu Component Limited. |
|
MB90F583CPF Datasheet(HTML) 5 Page - Fujitsu Component Limited. |
5 / 112 page MB90580C Series DS07-13710-7E 5 (Continued) *1: Connect the oscillator to both terminals XA0 and XA1 for MB90F587C / 583C / F583C / F584C. *2: It is setting of DIP switch S2 when Emulation pod (MB2145-507) is used. Please refer to the MB2145-507 hardware manual (2.7 Emulator-specific Power Pin) about details. *3: Varies with conditions such as the operating frequency (See section “ ■ ELECTRICAL CHARACTERISTICS”). Assurance for the MB90V580B is given only for operation with a tool at a power supply voltage of 4.5 V to 5.5 V, an operating temperature of 0 to +25 °C, and an operating frequency of 1 MHz to 16 MHz. ■ PACKAGE AND CORRESPONDING PRODUCTS : Available ×: Not available Note: : For more information about each package, see section “ ■ PACKAGE DIMENSIONS”. Part number Item MB90587C/CA MB90583C/CA MB90F583C/CA MB90F584C/CA MB90V580B 16-bit I/O timer 16-bit free run timer Number of channels: 1 Overflow interrupts Output compare (OCU) Number of channels: 2 Pin input factor: A match signal of compare register Input capture (ICU) Number of channels: 4 Rewriting a register value upon a pin input (rising, falling, or both edges) DTP/external interrupt circuit Number of inputs: 8 Started by a rising edge, a falling edge, an “H” level input, or an “L” level input. External interrupt circuit or extended intelligent I/O service (EI2OS) can be used. Delayed interrupt generation module An interrupt generation module for switching tasks used in real time operating systems. UART0, 1, 2, 3, 4 Clock synchronized transmission (62.5 Kbps to 1 Mbps) Clock asynchronized transmission (1202 bps to 9615 bps) Transmission can be performed by bi-directional serial transmission or by master/slave connection. A/D converter Resolution: 8/10-bit changeable Number of inputs: 8 One-shot conversion mode (converts selected channel only once) Scan conversion mode (converts two or more successive channels and can program up to 8 channels.) Continuous conversion mode (converts selected channel repeatedly) Stop conversion mode (converts selected channel and stop operation repeatedly) D/A converter 8-bit resolution Number of channels: 2 channels Based on the R-2R system Low-power consumption (standby) mode Sleep/stop/CPU intermittent operation/watch/hardware standby Process CMOS Power supply voltage for operation 4.5 V to 5.5 V*3 Package MB90583C/CA MB90587C/CA MB90F584C/CA MB90F583C/CA FPT-100P-M20 FPT-100P-M06 |
Similar Part No. - MB90F583CPF |
|
Similar Description - MB90F583CPF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |