Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90F803PF-G Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # MB90F803PF-G
Description  16-bit Microcontroller
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F803PF-G Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  MB90F803PF-G Datasheet HTML 1Page - Fujitsu Component Limited. MB90F803PF-G Datasheet HTML 2Page - Fujitsu Component Limited. MB90F803PF-G Datasheet HTML 3Page - Fujitsu Component Limited. MB90F803PF-G Datasheet HTML 4Page - Fujitsu Component Limited. MB90F803PF-G Datasheet HTML 5Page - Fujitsu Component Limited. MB90F803PF-G Datasheet HTML 6Page - Fujitsu Component Limited. MB90F803PF-G Datasheet HTML 7Page - Fujitsu Component Limited. MB90F803PF-G Datasheet HTML 8Page - Fujitsu Component Limited. MB90F803PF-G Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 92 page
background image
MB90800 Series
DS07-13733-6E
3
■ PRODUCT LINEUP
(Continued)
MB90V800-
101/201
MB90F804-
101/201
MB90803/
MB90803S
MB90F803/
MB90F803S
MB90F809/
MB90F809S
Type
Evaluation
product
Flash
memory
products
Mask ROM prod-
ucts
Flash memory products
System clock
On-chip PLL clock multiplication method(
× 1, × 2, × 3, × 4, 1/2 when PLL stops)
Minimum instruction execution time of 40.0 ns
(at oscillation of 6.25 MHz, four times the PLL clock)
Sub clock
With sub clock:
201 option
Without sub clock: 101 option
With sub clock:
Part number of products without "S" suffix
Without sub clock: Part number of products with "S" suffix
ROM capacity
No
256 Kbytes
128 Kbytes
128 Kbytes
dual
operation
192 Kbytes
RAM capacity
28 Kbytes
16 Kbytes
4 Kbytes
4 Kbytes
10 Kbytes
CPU functions
Number of basic instructions
: 351
Minimum instruction execution time : 40.0 ns/6.25 MHz oscillator
(When four times is used : machine clock
25 MHz, Power supply voltage : 3.3 V
± 0.3 V)
Addressing type
: 23 types
Program Patch Function
: 2 address pointers
The maximum memory space
: 16 Mbytes
Ports
I/O port (CMOS) 68 ports (shared with resources), (70 ports when the subclock is not used)
LCD
controller/driver
Segment driver that can drive the LCD panel (liquid crystal display) directly, and common driv-
er 48 SEG
× 4 COM
16-bit
input/
output
timer
16-bit
free-run
timer
1 channel
Overflow interrupt
Output
compare
(OCU)
2 channels
Pin input factor: matching of the compare register
Input
capture
(ICU)
2 channels
Rewriting a register value upon a pin input (rising edge, falling edge, or both edges)
16-bit
Reload Timer
16-bit reload timer operation (toggle output, single shot output selectable)
The event count function is optional. The event count function is optional.
Three channels are built in.
16-bit
PPG timer
Output pin
× 2 ports
Operating clock frequency : fcp, fcp/22, fcp/24, fcp/26
Two channels are built in.
Time-base timer
1 channel
Watchdog timer
1 channel
Timer clock
output
circuit
Clock with a frequency of external input clock divided by 16/32/64/128 can be
output externally.
I2C bus
I2C Interface. 1 channel is built-in.
Part number
Item


Similar Part No. - MB90F803PF-G

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F804 FUJITSU-MB90F804 Datasheet
810Kb / 88P
   16-bit Proprietary Microcontroller CMOS
MB90F804-101PF-G FUJITSU-MB90F804-101PF-G Datasheet
810Kb / 88P
   16-bit Proprietary Microcontroller CMOS
MB90F804-201PF-G FUJITSU-MB90F804-201PF-G Datasheet
810Kb / 88P
   16-bit Proprietary Microcontroller CMOS
More results

Similar Description - MB90F803PF-G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com