Electronic Components Datasheet Search |
|
MB90F804-201PF-G Datasheet(PDF) 8 Page - Fujitsu Component Limited. |
|
MB90F804-201PF-G Datasheet(HTML) 8 Page - Fujitsu Component Limited. |
8 / 92 page MB90800 Series 8 DS07-13733-6E (Continued) Pin No. Pin Name I/O Circuit Type* Status/function at reset Function 27 SEG46 E Port input (High-Z) A segment output terminal of the LCD controller/ driver. P52 General purpose input/output port. TIN2 External clock input pin of reload timer ch.2. It is effective when permitting the external clock input. PPG0 PPG timer (ch.0) output pin. 28 SEG47 E A segment output terminal of the LCD controller/ driver. P53 General purpose input/output port. PPG1 PPG (ch.1) timer output pin. 29 SIO G Serial data input pin of UART ch.0. This pin may be used during UART ch.0 in receiving mode, so it cannot use as other pin function. P54 General purpose input/output port. 30 SC0 G Serial clock input/output pin of UART ch.0. It is effective when permitting the serial clock output of UART ch.0. P55 General purpose input/output port. 31 SO0 G Serial data output pin of UART ch.0. It is effective when permitting the serial clock output of UART ch.0. P56 General purpose input/output port. 33 SI1 G Serial data input pin of UART ch.1. This pin may be used during UART ch.1 in receiving mode, so it cannot use as other pin function. P57 General purpose input/output port. 34 P76 G General purpose input/output port. 36 to 40 AN0 to AN4 I Analog input pin ch.0 to ch.4 of A/D converter. Enabled when analog input setting is “enabled”(set by ADER). P60 to P64 General purpose input/output port. |
Similar Part No. - MB90F804-201PF-G |
|
Similar Description - MB90F804-201PF-G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |