Electronic Components Datasheet Search |
|
MB90F804-101PF-G Datasheet(PDF) 3 Page - Fujitsu Component Limited. |
|
MB90F804-101PF-G Datasheet(HTML) 3 Page - Fujitsu Component Limited. |
3 / 92 page MB90800 Series DS07-13733-6E 3 ■ PRODUCT LINEUP (Continued) MB90V800- 101/201 MB90F804- 101/201 MB90803/ MB90803S MB90F803/ MB90F803S MB90F809/ MB90F809S Type Evaluation product Flash memory products Mask ROM prod- ucts Flash memory products System clock On-chip PLL clock multiplication method( × 1, × 2, × 3, × 4, 1/2 when PLL stops) Minimum instruction execution time of 40.0 ns (at oscillation of 6.25 MHz, four times the PLL clock) Sub clock With sub clock: 201 option Without sub clock: 101 option With sub clock: Part number of products without "S" suffix Without sub clock: Part number of products with "S" suffix ROM capacity No 256 Kbytes 128 Kbytes 128 Kbytes dual operation 192 Kbytes RAM capacity 28 Kbytes 16 Kbytes 4 Kbytes 4 Kbytes 10 Kbytes CPU functions Number of basic instructions : 351 Minimum instruction execution time : 40.0 ns/6.25 MHz oscillator (When four times is used : machine clock 25 MHz, Power supply voltage : 3.3 V ± 0.3 V) Addressing type : 23 types Program Patch Function : 2 address pointers The maximum memory space : 16 Mbytes Ports I/O port (CMOS) 68 ports (shared with resources), (70 ports when the subclock is not used) LCD controller/driver Segment driver that can drive the LCD panel (liquid crystal display) directly, and common driv- er 48 SEG × 4 COM 16-bit input/ output timer 16-bit free-run timer 1 channel Overflow interrupt Output compare (OCU) 2 channels Pin input factor: matching of the compare register Input capture (ICU) 2 channels Rewriting a register value upon a pin input (rising edge, falling edge, or both edges) 16-bit Reload Timer 16-bit reload timer operation (toggle output, single shot output selectable) The event count function is optional. The event count function is optional. Three channels are built in. 16-bit PPG timer Output pin × 2 ports Operating clock frequency : fcp, fcp/22, fcp/24, fcp/26 Two channels are built in. Time-base timer 1 channel Watchdog timer 1 channel Timer clock output circuit Clock with a frequency of external input clock divided by 16/32/64/128 can be output externally. I2C bus I2C Interface. 1 channel is built-in. Part number Item |
Similar Part No. - MB90F804-101PF-G |
|
Similar Description - MB90F804-101PF-G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |