Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90F946A Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # MB90F946A
Description  16-bit Proprietary Microcontroller
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F946A Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  MB90F946A Datasheet HTML 1Page - Fujitsu Component Limited. MB90F946A Datasheet HTML 2Page - Fujitsu Component Limited. MB90F946A Datasheet HTML 3Page - Fujitsu Component Limited. MB90F946A Datasheet HTML 4Page - Fujitsu Component Limited. MB90F946A Datasheet HTML 5Page - Fujitsu Component Limited. MB90F946A Datasheet HTML 6Page - Fujitsu Component Limited. MB90F946A Datasheet HTML 7Page - Fujitsu Component Limited. MB90F946A Datasheet HTML 8Page - Fujitsu Component Limited. MB90F946A Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 72 page
background image
FUJITSU MICROELECTRONICS
DATA SHEET
Copyright©2005-2008 FUJITSU MICROELECTRONICS LIMITED All rights reserved
2008.11
For the information for microcontroller supports, see the following web site.
http://edevice.fujitsu.com/micom/en-support/
16-bit Proprietary Microcontroller
CMOS
F2MC-16LX MB90945 Series
MB90F946A/947A/F947A/F949A/V390HB
■ DESCRIPTION
The MB90945 series with one FULL-CAN interface and FLASH ROM is especially designed for automotive HVAC
applications. Its main feature is the on board CAN Interface, which conform to V2.0 Part A and Part B, while
supporting a very flexible message buffer scheme and so offering more functions than a normal FULL-CAN
approach. With the new 0.35
µm CMOS technology, Fujitsu Microelectronics now offers on-chip FLASH-ROM
program memory up to 384 K bytes. An internal voltage booster removes the necessity for a second programming
voltage.
An on board voltage regulator provides 3 V to the internal MCU core. This creates a major advantage in terms
of EMI and power consumption.
The internal PLL clock frequency multiplier provides an internal 42 ns instruction cycle time from an external
4 MHz clock.
The unit features a 4-channel Output Compare Unit and a 6-channel Input Capture Unit with two separate 16-bit
free-run timers. Up to 3 UARTs, one Serial I/O and one I2C constitute additional functionality for communication
purposes.
Note: F2MC is the abbreviation of FUJITSU Flexible Microcontroller.
DS07-13741-3E


Similar Part No. - MB90F946A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F946A FUJITSU-MB90F946A Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90F946A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com