Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90F828B Datasheet(PDF) 8 Page - Fujitsu Component Limited.

Part # MB90F828B
Description  16-bit Microcontroller
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F828B Datasheet(HTML) 8 Page - Fujitsu Component Limited.

Back Button MB90F828B Datasheet HTML 4Page - Fujitsu Component Limited. MB90F828B Datasheet HTML 5Page - Fujitsu Component Limited. MB90F828B Datasheet HTML 6Page - Fujitsu Component Limited. MB90F828B Datasheet HTML 7Page - Fujitsu Component Limited. MB90F828B Datasheet HTML 8Page - Fujitsu Component Limited. MB90F828B Datasheet HTML 9Page - Fujitsu Component Limited. MB90F828B Datasheet HTML 10Page - Fujitsu Component Limited. MB90F828B Datasheet HTML 11Page - Fujitsu Component Limited. MB90F828B Datasheet HTML 12Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
MB90820B Series
8
DS07-13751-2E
■ PIN DESCRIPTION
(Continued)
Pin no.
Pin name
I/O
circuit *3
Pin status
during
reset
Function
LQFP *1
QFP *2
21, 22
23, 24
X0,X1
A
Oscillating Oscillation pins.
17
19
RST
B
Reset
input
External reset input pin.
59 to 54
61 to 56
P00 to P05
C
Port input
General-purpose I/O ports.
53
55
P06
C
General-purpose I/O port.
PWI0
PWC ch.0 signal input pin.
52
54
P07
C
General-purpose I/O port.
PWO0
PWC ch.0 signal output pin.
51
53
P10
D
General-purpose I/O port.
INT0
External interrupt request input ch.0 pin.
DTTI
RTO0 to RTO5 pins for fixed-level input. This func-
tion is enabled when the waveform generator spec-
ifies its input bits.
50 to 45
52 to 47
P11 to P16
D
General-purpose I/O ports.
INT1 to INT6
External interrupt request input ch.1 to ch.6 pins.
44
46
P17
D
General-purpose I/O port.
43
45
P20
D
General-purpose I/O port.
TIN1
External clock input pin for reload timer ch.1.
42
44
P21
D
General-purpose I/O port.
TO1
Event output pin for reload timer ch.1.
41,
39 to 35
43,
41 to 37
P22 to P27
D
General-purpose I/O ports.
34 to 28
36 to 30
P30 to P36
E
General-purpose I/O ports.
27
29
P37
E
General-purpose I/O port.
PPG0
Output pin for PPG timer ch.0.
26
28
P40
F
General-purpose I/O port.
PPG1
Output pin for PPG timer ch.1.
19
21
P41
F
General-purpose I/O port.
TIN0
External clock input pin for reload timer ch.0.
18
20
P42
F
General-purpose I/O port.
TO0
Event output pin for reload timer ch.0.


Similar Part No. - MB90F828B

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F822A FUJITSU-MB90F822A Datasheet
1Mb / 100P
   16-bit Proprietary Microcontroller
MB90F822APF FUJITSU-MB90F822APF Datasheet
1Mb / 100P
   16-bit Proprietary Microcontroller
MB90F822APFM FUJITSU-MB90F822APFM Datasheet
1Mb / 100P
   16-bit Proprietary Microcontroller
MB90F822APFV FUJITSU-MB90F822APFV Datasheet
1Mb / 100P
   16-bit Proprietary Microcontroller
logo
List of Unclassifed Man...
MB90F822PF ETC1-MB90F822PF Datasheet
1Mb / 98P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90F828B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com