Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90F809S Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # MB90F809S
Description  16-bit Microcontroller
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F809S Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  MB90F809S Datasheet HTML 1Page - Fujitsu Component Limited. MB90F809S Datasheet HTML 2Page - Fujitsu Component Limited. MB90F809S Datasheet HTML 3Page - Fujitsu Component Limited. MB90F809S Datasheet HTML 4Page - Fujitsu Component Limited. MB90F809S Datasheet HTML 5Page - Fujitsu Component Limited. MB90F809S Datasheet HTML 6Page - Fujitsu Component Limited. MB90F809S Datasheet HTML 7Page - Fujitsu Component Limited. MB90F809S Datasheet HTML 8Page - Fujitsu Component Limited. MB90F809S Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 92 page
background image
FUJITSU MICROELECTRONICS
DATA SHEET
Copyright©2005-2009 FUJITSU MICROELECTRONICS LIMITED All rights reserved
2009.9
For the information for microcontroller supports, see the following web site.
http://edevice.fujitsu.com/micom/en-support/
16-bit Microcontroller
CMOS
F2MC-16LX MB90800 Series
MB90803/803S/F803/F803S/F804-101/
MB90F804-201/F809/F809S/V800
■ DESCRIPTION
The MB90800 series is a general-purpose 16-bit microcontroller that has been developed for high-speed real-
time processing required for industrial and office automation equipment and process control, etc. The LCD
controller of 48 segment four common is built into.
Instruction set has taken over the same AT architecture as in the F2MC-8L and F2MC-16L, and is further enhanced
to support high level languages, extend addressing mode, enhanced divide/multiply instructions with sign and
enrichment of bit processing. In addition, long word processing is now available by introducing a 32-bit accumulator.
Note: F2MC is the abbreviation of Fujitsu Flexible Microcontroller.
■ FEATURES
• Clock
• Built-in PLL clock frequency multiplication circuit
• Operating clock (PLL clock) : divided-by-2 of oscillation (at oscillation of 6.25 MHz) or
1 to 4 times the oscillation (at oscillation of 6.25 MHz to 25 MHz).
• Minimum instruction execution time of 40.0 ns (at oscillation of 6.25 MHz, four times the PLL clock, operation
at Vcc
= 3.3 V)
• The maximum memory space:16 Mbytes
• 24-bit internal addressing
• Bank addressing
(Continued)
DS07-13733-6E


Similar Part No. - MB90F809S

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F804 FUJITSU-MB90F804 Datasheet
810Kb / 88P
   16-bit Proprietary Microcontroller CMOS
MB90F804-101PF-G FUJITSU-MB90F804-101PF-G Datasheet
810Kb / 88P
   16-bit Proprietary Microcontroller CMOS
MB90F804-201PF-G FUJITSU-MB90F804-201PF-G Datasheet
810Kb / 88P
   16-bit Proprietary Microcontroller CMOS
More results

Similar Description - MB90F809S

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com