Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90F823B Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # MB90F823B
Description  16-bit Microcontroller
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F823B Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  MB90F823B Datasheet HTML 1Page - Fujitsu Component Limited. MB90F823B Datasheet HTML 2Page - Fujitsu Component Limited. MB90F823B Datasheet HTML 3Page - Fujitsu Component Limited. MB90F823B Datasheet HTML 4Page - Fujitsu Component Limited. MB90F823B Datasheet HTML 5Page - Fujitsu Component Limited. MB90F823B Datasheet HTML 6Page - Fujitsu Component Limited. MB90F823B Datasheet HTML 7Page - Fujitsu Component Limited. MB90F823B Datasheet HTML 8Page - Fujitsu Component Limited. MB90F823B Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
FUJITSU MICROELECTRONICS
DATA SHEET
Copyright©2008-2009 FUJITSU MICROELECTRONICS LIMITED All rights reserved
2009.1
For the information for microcontroller supports, see the following web site.
http://edevice.fujitsu.com/micom/en-support/
16-bit Microcontroller
CMOS
F2MC-16LX MB90820B Series
MB90822B/823B/F822B/F823B/F828B/V820B
■ DESCRIPTION
The MB90820B series is a line of general-purpose, Fujitsu 16-bit microcontrollers designed for process control
applications which require high-speed real-time processing, such as consumer products.
While inheriting the AT architecture of the F2MC family, the instruction set for the F2MC-16LX CPU core of the
MB90820B series incorporates additional instructions for high-level languages, supports extended addressing
modes, and contains enhanced multiplication and division instructions as well as a substantial collection of
improved bit manipulation instructions. In addition, the MB90820B series has an on-chip 32-bit accumulator which
enables processing of long-word data.
The peripheral resources integrated in the MB90820B series include : an 8/10-bit A/D converter, 8-bit D/A con-
verters, UARTs (SCI) 0, 1, multi-functional timer (16-bit free-run timer, input capture units (ICUs) 0 to 3, output
compare units (OCUs) 0 to 5, 16-bit PPG timer 0, waveform generator), 16-bit PPG timer 1, 2, PWC 0, 1, 16-bit
reload timer 0, 1 and DTP/external interrupt.
Note : F2MC is the abbreviation of FUJITSU Flexible Microcontroller.
■ FEATURES
• Minimum execution time of instruction : 42 ns / 4 MHz oscillation (uses PLL clock multiplication) maximum
multiplier = 6
• Maximum memory space 16 M bytes, Linear/bank access
• Instruction set optimized for controller applications
Supported data types : bit, byte, word, and long-word types
Standard addressing modes : 23 types
32-bit accumulator enhancing high-precision operations
Signed multiplication/division instructions and enhanced RETI instructions
(Continued)
DS07-13751-2E


Similar Part No. - MB90F823B

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F823A FUJITSU-MB90F823A Datasheet
1Mb / 100P
   16-bit Proprietary Microcontroller
MB90F823APF FUJITSU-MB90F823APF Datasheet
1Mb / 100P
   16-bit Proprietary Microcontroller
MB90F823APFM FUJITSU-MB90F823APFM Datasheet
1Mb / 100P
   16-bit Proprietary Microcontroller
MB90F823APFV FUJITSU-MB90F823APFV Datasheet
1Mb / 100P
   16-bit Proprietary Microcontroller
logo
List of Unclassifed Man...
MB90F823PF ETC1-MB90F823PF Datasheet
1Mb / 98P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90F823B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com