Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90F594GPF Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # MB90F594GPF
Description  16-bit Proprietary Microcontroller
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F594GPF Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  MB90F594GPF Datasheet HTML 1Page - Fujitsu Component Limited. MB90F594GPF Datasheet HTML 2Page - Fujitsu Component Limited. MB90F594GPF Datasheet HTML 3Page - Fujitsu Component Limited. MB90F594GPF Datasheet HTML 4Page - Fujitsu Component Limited. MB90F594GPF Datasheet HTML 5Page - Fujitsu Component Limited. MB90F594GPF Datasheet HTML 6Page - Fujitsu Component Limited. MB90F594GPF Datasheet HTML 7Page - Fujitsu Component Limited. MB90F594GPF Datasheet HTML 8Page - Fujitsu Component Limited. MB90F594GPF Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 60 page
background image
MB90590G Series
4
DS07-13704-6E
■ PRODUCT LINEUP
(Continued)
Features
MB90591G/594G
MB90F591G/F594G
MB90V590G
Classification
Mask ROM product
Flash ROM product
Evaluation product
ROM size
384/256 Kbytes
384/256 Kbytes
Boot block
Hard-wired reset vector
None
RAM size
8/6 Kbytes
8/6 Kbytes
8 Kbytes
Emulator-specific power
supply *1
None
CPU functions
The number of instructions : 340
Instruction bit length : 8 bits, 16 bits
Instruction length : 1 byte to 7 bytes
Data bit length : 1 bit, 8 bits, 16 bits
Minimum execution time : 62.5 ns (at machine clock frequency of 16 MHz)
Interrupt processing time : 1.5
µs
(at machine clock frequency of 16 MHz, minimum value)
UART (3 channels)
Clock synchronized transmission (500 Kbps / 1 Mbps / 2 Mbps)
Clock asynchronized transmission (4808/5208/9615/10417/19230/38460/62500
/500000 bps at machine clock frequency of 16 MHz)
Transmission can be performed by bi-directional serial transmission or by master/
slave connection.
8/10-bit A/D converter
Conversion precision : 8/10-bit can be selectively used.
Number of inputs : 8
One-shot conversion mode (converts selected channel once only)
Scan conversion mode (converts two or more successive channels and can program
up to 8 channels)
Continuous conversion mode (converts selected channel continuously)
Stop conversion mode (converts selected channel and stop operation repeatedly)
8/16-bit PPG timers
(6 channels)
Number of channels : 6 (8/16-bit
× 6 channels)
PPG operation of 8-bit or 16-bit
A pulse wave of given intervals and given duty ratios can be output.
Pulse interval : fsys, fsys/21, fsys/22, fsys/23, fsys/24, 128
µs
(at oscillation of 4 MHz, fsys
= system clock frequency of 16 MHz, fosc = oscillation
clock frequency)
16-bit Reload timer
Number of channels : 2
Operation clock frequency : fsys/21, fsys/23, fsys/25 (fsys = System clock frequency)
Supports External Event Count function
16-bit
I/O
timer
16-bit
Output compares
Number of channels : 6 (8/16-bit
× 6 channels)
Pin input factor : A match signal of compare register
Input captures
Number of channels : 6
Rewriting a register value upon a pin input (rising, falling, or both edges)


Similar Part No. - MB90F594GPF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F594GPF FUJITSU-MB90F594GPF Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90F594GPF FUJITSU-MB90F594GPF Datasheet
697Kb / 56P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90F594GPF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com