Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90F568PMC Datasheet(PDF) 11 Page - Fujitsu Component Limited.

Part # MB90F568PMC
Description  16-bit Proprietary Microcontrollers
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F568PMC Datasheet(HTML) 11 Page - Fujitsu Component Limited.

Back Button MB90F568PMC Datasheet HTML 7Page - Fujitsu Component Limited. MB90F568PMC Datasheet HTML 8Page - Fujitsu Component Limited. MB90F568PMC Datasheet HTML 9Page - Fujitsu Component Limited. MB90F568PMC Datasheet HTML 10Page - Fujitsu Component Limited. MB90F568PMC Datasheet HTML 11Page - Fujitsu Component Limited. MB90F568PMC Datasheet HTML 12Page - Fujitsu Component Limited. MB90F568PMC Datasheet HTML 13Page - Fujitsu Component Limited. MB90F568PMC Datasheet HTML 14Page - Fujitsu Component Limited. MB90F568PMC Datasheet HTML 15Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 92 page
background image
MB90560/565 Series
DS07-13715-5E
11
(Continued)
Pin No.
Pin
Name
Circuit
Type*1
State/
Function
at Reset
Description
QFP*3
LQFP*4
SDIP*5
51 to 56
50 to 55
58 to 63
P30 to
P35
E
Port
inputs
(Hi-Z)
I/O ports
RTO0
to
RTO5
Event output pins for the output compare and
waveform generator output pins. The pins output
the specified waveform generated by the waveform
generator. If not using waveform generation, these
terminals enable output compare event output to
use as output compare outputs. When used as a
port, set the corresponding bits in the analog input
enable register (ADER) to “port”.
59
58
2
P36
D
I/O port
SIN0
Serial data input pin for UART ch0.
This pin is used continuously when input operation
is enabled for UART ch0. In this case, do not use
as a general input pin.
60
59
3
P37
D
I/O port
SOT0
Serial data output pin for UART ch0.
Output operates when UART ch0 output is en-
abled.
61
60
4
P40
D
I/O port
SCK0
Serial clock I/O pin for UART ch0.
Output operates when UART ch0 clock output is
enabled.
62 to 64,
1 to 3
61 to 64,
1, 2
5 to 10
P41 to
P46
D
I/O ports
PPG0
to
PPG5
Output pins for PPG ch0 to ch5.
The outputs operate when output is enabled for
PPG ch0 to ch5.
4 to 11
3 to 10
11 to 18
P50 to
P57
F
Analog
inputs
I/O ports
AN0 to
AN7
Analog input pins for the A/D converter. Input is
available when the corresponding analog input en-
able register bits are set. (ADER : bit0 to bit7)
12
11
19
AVCC
Power
supply
input
VCC power supply input pin for A/D converter.
13
12
20
AVR
G
Refer-
ence volt-
age input
Reference voltage input pin for A/D converter.
Ensure that the voltage does not exceed VCC.
14
13
21
AVSS
Power
supply
input
VSS power supply input pin for A/D converter.


Similar Part No. - MB90F568PMC

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F568PF FUJITSU-MB90F568PF Datasheet
874Kb / 91P
   16-bit Proprietary Microcontrollers
MB90F568PFM FUJITSU-MB90F568PFM Datasheet
874Kb / 91P
   16-bit Proprietary Microcontrollers
More results

Similar Description - MB90F568PMC

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90560 FUJITSU-MB90560_08 Datasheet
2Mb / 92P
   16-bit Proprietary Microcontrollers
MB90350E FUJITSU-MB90350E Datasheet
899Kb / 85P
   16-bit Proprietary Microcontrollers
MB90561 FUJITSU-MB90561 Datasheet
874Kb / 91P
   16-bit Proprietary Microcontrollers
MB90385 FUJITSU-MB90385_08 Datasheet
2Mb / 84P
   16-bit Proprietary Microcontrollers CMOS
MB95100A FUJITSU-MB95100A Datasheet
666Kb / 59P
   8-bit Proprietary Microcontrollers
MB95110M FUJITSU-MB95110M Datasheet
797Kb / 64P
   8-bit Proprietary Microcontrollers
MB95120 FUJITSU-MB95120 Datasheet
776Kb / 67P
   8-bit Proprietary Microcontrollers
MB95130M FUJITSU-MB95130M Datasheet
521Kb / 63P
   8-bit Proprietary Microcontrollers
MB95R203A FUJITSU-MB95R203A Datasheet
339Kb / 56P
   8-bit Proprietary Microcontrollers
MB95100B FUJITSU-MB95100B Datasheet
824Kb / 69P
   8-bit Proprietary Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com