Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90F574APFV Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # MB90F574APFV
Description  16-bit Proprietary Microcontroller
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F574APFV Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  MB90F574APFV Datasheet HTML 1Page - Fujitsu Component Limited. MB90F574APFV Datasheet HTML 2Page - Fujitsu Component Limited. MB90F574APFV Datasheet HTML 3Page - Fujitsu Component Limited. MB90F574APFV Datasheet HTML 4Page - Fujitsu Component Limited. MB90F574APFV Datasheet HTML 5Page - Fujitsu Component Limited. MB90F574APFV Datasheet HTML 6Page - Fujitsu Component Limited. MB90F574APFV Datasheet HTML 7Page - Fujitsu Component Limited. MB90F574APFV Datasheet HTML 8Page - Fujitsu Component Limited. MB90F574APFV Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 120 page
background image
MB90570A/570C Series
2
DS07-13701-9E
■ FEATURES
• Clock
Embedded PLL clock multiplication circuit
Operating clock (PLL clock) can be selected from 1/2 to 4
× oscillation (at oscillation of 4 MHz, 4 MHz to 16 MHz).
Minimum instruction execution time: 62.5 ns (at oscillation of 4 MHz, 4
× PLL clock, operation at VCC of 5.0 V)
• Maximum memory space
16 Mbytes
• Instruction set optimized for controller applications
Rich data types (bit, byte, word, long word)
Rich addressing mode (23 types)
Enhanced signed multiplication/division instruction and RETI instruction functions
Enhanced precision calculation realized by the 32-bit accumulator
• Instruction set designed for high level language (C) and multi-task operations
Adoption of system stack pointer
Enhanced pointer indirect instructions
Barrel shift instructions
• Program patch function (for two address pointers)
• Enhanced execution speed
4-byte instruction queue
• Enhanced interrupt function
8 levels, 34 factors
• Automatic data transmission function independent of CPU operation
Extended intelligent I/O service function (EI2OS): Up to 16 channels
• Embedded ROM size and types
Mask ROM: 128 kbytes/256 kbytes
Flash ROM: 256 kbytes
Embedded RAM size:6 kbytes/10 kbytes (mask ROM)
10 kbytes (flash memory)
10 kbytes (evaluation device)
• Low-power consumption (standby) mode
Sleep mode (mode in which CPU operating clock is stopped)
Stop mode (mode in which oscillation is stopped)
CPU intermittent operation mode
Hardware standby mode
• Process
CMOS technology
• I/O port
General-purpose I/O ports (CMOS): 63 ports
General-purpose I/O ports (with pull-up resistors): 24 ports
General-purpose I/O ports (open-drain): 10 ports
Total: 97 ports
•Timer
Timebase timer/watchdog timer: 1 channel
8/16-bit PPG timer: 8-bit
× 2 channels or 16-bit × 1 channel
• 8/16-bit up/down counter/timer: 1 channel (8-bit
× 2 channels)
(Continued)


Similar Part No. - MB90F574APFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F574APFV FUJITSU-MB90F574APFV Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB90F574APFV FUJITSU-MB90F574APFV Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90F574APFV FUJITSU-MB90F574APFV Datasheet
2Mb / 120P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90F574APFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com