Electronic Components Datasheet Search |
|
MB90F583CA Datasheet(PDF) 1 Page - Fujitsu Component Limited. |
|
MB90F583CA Datasheet(HTML) 1 Page - Fujitsu Component Limited. |
1 / 112 page FUJITSU MICROELECTRONICS DATA SHEET Copyright©2001-2009 FUJITSU MICROELECTRONICS LIMITED All rights reserved 2009.5 For the information for microcontroller supports, see the following web site. This web site includes the "Customer Design Review Supplement" which provides the latest cautions on system development and the minimal requirements to be checked to prevent problems before the system development. http://edevice.fujitsu.com/micom/en-support/ 16-bit Proprietary Microcontroller CMOS F2MC-16LX MB90580C Series MB90583C/583CA/F583C/F583CA/F584C/F584CA/ MB90587C/587CA/V580B ■ DESCRIPTION The MB90580C series is a line of general-purpose, Fujitsu Microelectronics 16-bit microcontrollers designed for process control applications which require high-speed real-time processing, such as consumer products. While inheriting the AT architecture of the F2MC*1 family, the instruction set for the F2MC-16LX CPU core of the MB90580C series incorporates additional instructions for high-level languages, supports extended addressing modes, and contains enhanced multiplication and division instructions as well as a substantial collection of improved bit manipulation instructions. In addition, the MB90580C has an on-chip 32-bit accumulator which enables processing of long-word data. The peripheral resources integrated in the MB90580C series include: an 8/10-bit A/D converter, an 8-bit D/A converter, UARTs (SCI) 0 to 4, an 8/16-bit PPG timer, 16-bit I/O timers (16-bit free-run timer, input capture units (ICUs) 0 to 3, output compare units (OCUs) 0 and 1), and an IEBusTM controller *2. *1: F2MC is the abbreviation of FUJITSU Flexible Microcontroller. *2: IEBusTM is a trademark of NEC Corporation. ■ FEATURES • Minimum execution time: 62.5 ns/4 MHz oscillation (Uses PLL clock multiplication) maximum multiplier = 4 • Maximum memory space 16 Mbyte Linear/bank access (Continued) DS07-13710-7E |
Similar Part No. - MB90F583CA |
|
Similar Description - MB90F583CA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |