Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90V460 Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # MB90V460
Description  16-bit Proprietary Microcontroller
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90V460 Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  MB90V460 Datasheet HTML 1Page - Fujitsu Component Limited. MB90V460 Datasheet HTML 2Page - Fujitsu Component Limited. MB90V460 Datasheet HTML 3Page - Fujitsu Component Limited. MB90V460 Datasheet HTML 4Page - Fujitsu Component Limited. MB90V460 Datasheet HTML 5Page - Fujitsu Component Limited. MB90V460 Datasheet HTML 6Page - Fujitsu Component Limited. MB90V460 Datasheet HTML 7Page - Fujitsu Component Limited. MB90V460 Datasheet HTML 8Page - Fujitsu Component Limited. MB90V460 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 88 page
background image
MB90460/465 Series
DS07-13714-2E
5
(Continued)
* : Varies with conditions such as the operating frequency (See section “
■ ELECTRICAL CHARACTERISTICS”) .
Assurance for the MB90V460 is given only for operation with a tool at a power supply voltage of 4.5 V to 5.5 V,
an operating temperature of 0 to
+25 °C, and an operating frequency of 1 MHz to 16 MHz.
■ PACKAGE AND CORRESPONDING PRODUCTS
: Available,
: Not available
Note : For more information about each package, see section “
■ PACKAGE DIMENSIONS”.
■ DIFFERENCES AMONG PRODUCTS
Memory Size
In evaluation with an evaluation product, note the difference between the evaluation product and the product
actually used. The following items must be taken into consideration.
• The MB90V460 does not have an internal ROM, however, operations equivalent to chips with an internal ROM
can be evaluated by using a dedicated development tool, enabling selection of ROM size by settings of the
development tool.
• In the MB90V460, images from FF4000H to FFFFFFH are mapped to bank 00, and FE0000H to FF3FFFH are
mapped to bank FF only. (This setting can be changed by configuring the development tool.)
• In the MB90462/F462/F462A/F463A/467, images from FF4000H to FFFFFFH are mapped to bank 00, and
FF0000H to FF3FFFH are mapped to bank FF only.
Difference between MB90460 series and MB90465 series
• Waveform sequencer, 16-bit PPG timer 1, and PWC 0 are not present in MB90465 series.
Difference between MB90F462, MB90F462A and MB90F463A
• 64Kbytes flash ROM is avaliable in MB90F462 and MB90F462A while 128Kbytes flash ROM is avaliable in
MB90F463A.
Item
Part number
MB90V460
MB90F462
MB90F462A MB90F463A
MB90462
MB90467
DTP/External
interrupt
8 independent channels
Selectable causes : Rising edge, falling edge, “L” level or “H” level
Lower power
consumption
Stop mode / Sleep mode / CPU intermittent operation mode
Package
PGA256
LQFP-64 (FPT-64P-M23 : 0.65 mm pitch)
QFP-64 (FPT-64P-M06 : 1.00 mm pitch)
SDIP-64 (DIP-64P-M01 : 1.78 mm pitch)
Power supply voltage for
operation*
4.5 V to 5.5 V *
Process
CMOS
Package
MB90V460
MB90F462
MB90F462A MB90F463A
MB90462
MB90467
PGA256
FPT-64P-M23
FTP-64P-M06
DIP-64P-M01
××
×××
×
×
×
×


Similar Part No. - MB90V460

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90V460 FUJITSU-MB90V460 Datasheet
827Kb / 85P
   16-bit Proprietary Microcontroller
MB90V460 FUJITSU-MB90V460 Datasheet
2Mb / 88P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90V460

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com