Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90553APF Datasheet(PDF) 8 Page - Fujitsu Component Limited.

Part # MB90553APF
Description  16-bit Proprietary Microcontroller
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90553APF Datasheet(HTML) 8 Page - Fujitsu Component Limited.

Back Button MB90553APF Datasheet HTML 4Page - Fujitsu Component Limited. MB90553APF Datasheet HTML 5Page - Fujitsu Component Limited. MB90553APF Datasheet HTML 6Page - Fujitsu Component Limited. MB90553APF Datasheet HTML 7Page - Fujitsu Component Limited. MB90553APF Datasheet HTML 8Page - Fujitsu Component Limited. MB90553APF Datasheet HTML 9Page - Fujitsu Component Limited. MB90553APF Datasheet HTML 10Page - Fujitsu Component Limited. MB90553APF Datasheet HTML 11Page - Fujitsu Component Limited. MB90553APF Datasheet HTML 12Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 64 page
background image
MB90550A/550B Series
8
DS07-13706-6E
(Continued)
Pin no.
Pin name
Circuit type
Function
QFP
LQFP
14
12
P34
E
(CMOS)
General-purpose I/O port.
This function is enabled in single-chip mode
HRQ
Hold request input pin.
This function is enabled in an external-bus enabled mode.
15
13
P35
E
(CMOS)
General-purpose I/O port.
This function is enabled in single-chip mode.
HAK
Hold acknowledge output pin.
This function is enabled in an external-bus enabled mode.
16
14
P36
E
(CMOS)
General-purpose I/O port.
This function is enabled in single-chip mode.
RDY
Ready signal input pin.
This function is enabled in an external-bus enabled mode.
17
15
P37
E
(CMOS)
General-purpose I/O port.
This function is enabled in single-chip mode.
CLK
CLK output pin.
This function is enabled in an external-bus enabled mode.
18
16
P40
F
(CMOS/H)
General-purpose I/O port.
Serves as an open-drain output port (OD40 = 1) depending on the
setting of the open-drain control setting register (ODR4).
(D40 = 0: Disabled when the port is set for input.)
SCK
UART serial clock I/O pin.
This function is enabled with the UART clock output enabled.
19
17
P41
F
(CMOS/H)
General-purpose I/O port.
Serves as an open-drain output port (OD41 = 1) depending on the
setting of the open-drain control setting register (ODR4).
(D41 = 0: Disabled when the port is set for input.)
SOT
UART serial data output pin.
This function is enabled with the UART serial data output enabled.
20
18
P42
F
(CMOS/H)
General-purpose I/O port.
Serves as an open-drain output port (OD42 = 1) depending on the
setting of the open-drain control setting register (ODR4).
(D42 = 0: Disabled when the port is set for input.)
SIN
UART serial data input pin. Since this input is used as required while
the UART is operating for input, the output by any other function
must be off unless used intentionally.
21
19
P43
F
(CMOS/H)
General-purpose I/O port.
Serves as an open-drain output port (OD43 = 1) depending on the
setting of the open-drain control setting register (ODR4).
(D43 = 0: Disabled when the port is set for input.)
SCK1
Extended I/O serial clock I/O pin. This function is enabled with the
extended I/O serial clock output enabled.


Similar Part No. - MB90553APF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90553APF FUJITSU-MB90553APF Datasheet
695Kb / 58P
   16-bit Proprietary Microcontroller
MB90553APF FUJITSU-MB90553APF Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90553APF FUJITSU-MB90553APF Datasheet
1Mb / 64P
   16-bit Proprietary Microcontroller
MB90553APFV FUJITSU-MB90553APFV Datasheet
695Kb / 58P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90553APF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com