Electronic Components Datasheet Search |
|
MB90F574A Datasheet(PDF) 8 Page - Fujitsu Component Limited. |
|
MB90F574A Datasheet(HTML) 8 Page - Fujitsu Component Limited. |
8 / 120 page MB90570A/570C Series 8 DS07-13701-9E ■ PIN DESCRIPTION *1 : FPT-120P-M24 *2 : FPT-120P-M13, FPT-120P-M21 (Continued) Pin no. Pin name Circuit type Function LQFP *1 QFP *2 92,93 X0,X1 A High speed oscillator pins 74,73 X0A,X1A B Low speed oscillator pins 89 to 87 MD0 to MD2 C These are input pins used to designate the operating mode. They should be connected directly to Vcc or Vss. 90 RST C Reset input pin 86 HST C Hardware standby input pin 95 to 102 P00 to P07 D In single chip mode, these are general purpose I/O pins. When set for input, they can be set by the pull-up resistance setting register (RDR0). When set for output, this setting will be invalid. AD00 toAD07 In external bus mode, these pins function as address low output/data low I/O pins. 103 to 110 P10 to P17 D In single chip mode, these are general purpose I/O pins. When set for input, they can be set by the pull-up resistance setting register (RDR1). When set for output, the setting will be invalid. AD08 toAD15 In external bus mode, these pins function as address middle output/ data high I/O pins. 111 to 118 P20 to P27 E In single chip mode this is a general-purpose I/O port. A16 to A23 In external bus mode, these pins function as address high output pins. 120 P30 E In single chip mode this is a general-purpose I/O port. ALE In external bus mode, this pin functions as the address latch enable signal output pin. 1 P31 E In single chip mode this is a general-purpose I/O port. RD In external bus mode, this pin functions as the read strobe signal out- put pin. 2 P32 E In single chip mode this is a general-purpose I/O port. WRL In external bus mode, this pin functions as the data bus lower 8-bit write strobe signal output pin. 3 P33 E In single chip mode this is a general-purpose I/O port. WRH In external bus mode, this pin functions as the data bus upper 8-bit write strobe signal output pin. 4 P34 E In single chip mode this is a general-purpose I/O port. HRQ In external bus mode, this pin functions as the hold request signal in- put pin. 5 P35 E In single chip mode this is a general-purpose I/O port. HAK In external bus mode, this pin functions as the hold acknowledge sig- nal output pin. 6 P36 E In single chip mode this is a general-purpose I/O port. RDY In external bus mode, this pin functions as the ready signal input pin. |
Similar Part No. - MB90F574A |
|
Similar Description - MB90F574A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |