Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90583C Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # MB90583C
Description  16-bit Proprietary Microcontroller
Download  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90583C Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  MB90583C Datasheet HTML 1Page - Fujitsu Component Limited. MB90583C Datasheet HTML 2Page - Fujitsu Component Limited. MB90583C Datasheet HTML 3Page - Fujitsu Component Limited. MB90583C Datasheet HTML 4Page - Fujitsu Component Limited. MB90583C Datasheet HTML 5Page - Fujitsu Component Limited. MB90583C Datasheet HTML 6Page - Fujitsu Component Limited. MB90583C Datasheet HTML 7Page - Fujitsu Component Limited. MB90583C Datasheet HTML 8Page - Fujitsu Component Limited. MB90583C Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 112 page
background image
FUJITSU MICROELECTRONICS
DATA SHEET
Copyright©2001-2009 FUJITSU MICROELECTRONICS LIMITED All rights reserved
2009.5
For the information for microcontroller supports, see the following web site.
This web site includes the "Customer Design Review Supplement" which provides the latest cautions on
system development and the minimal requirements to be checked to prevent problems before the system
development.
http://edevice.fujitsu.com/micom/en-support/
16-bit Proprietary Microcontroller
CMOS
F2MC-16LX MB90580C Series
MB90583C/583CA/F583C/F583CA/F584C/F584CA/
MB90587C/587CA/V580B
■ DESCRIPTION
The MB90580C series is a line of general-purpose, Fujitsu Microelectronics 16-bit microcontrollers designed for
process control applications which require high-speed real-time processing, such as consumer products.
While inheriting the AT architecture of the F2MC*1 family, the instruction set for the F2MC-16LX CPU core of the
MB90580C series incorporates additional instructions for high-level languages, supports extended addressing
modes, and contains enhanced multiplication and division instructions as well as a substantial collection of
improved bit manipulation instructions. In addition, the MB90580C has an on-chip 32-bit accumulator which
enables processing of long-word data.
The peripheral resources integrated in the MB90580C series include: an 8/10-bit A/D converter, an 8-bit D/A
converter, UARTs (SCI) 0 to 4, an 8/16-bit PPG timer, 16-bit I/O timers (16-bit free-run timer, input capture units
(ICUs) 0 to 3, output compare units (OCUs) 0 and 1), and an IEBusTM controller *2.
*1: F2MC is the abbreviation of FUJITSU Flexible Microcontroller.
*2: IEBusTM is a trademark of NEC Corporation.
■ FEATURES
• Minimum execution time: 62.5 ns/4 MHz oscillation (Uses PLL clock multiplication) maximum multiplier = 4
• Maximum memory space
16 Mbyte
Linear/bank access
(Continued)
DS07-13710-7E


Similar Part No. - MB90583C

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90583C FUJITSU-MB90583C Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90583C FUJITSU-MB90583C Datasheet
1Mb / 110P
   16-bit Proprietary Microcontroller
MB90583CA FUJITSU-MB90583CA Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90583CA FUJITSU-MB90583CA Datasheet
1Mb / 110P
   16-bit Proprietary Microcontroller
MB90583CAPF FUJITSU-MB90583CAPF Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90583C

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com