Electronic Components Datasheet Search |
|
MB90F462A Datasheet(PDF) 4 Page - Fujitsu Component Limited. |
|
MB90F462A Datasheet(HTML) 4 Page - Fujitsu Component Limited. |
4 / 88 page MB90460/465 Series 4 DS07-13714-2E ■ PRODUCT LINEUP (Continued) Item Part number MB90V460 MB90F462 MB90F462A MB90F463A MB90462 MB90467 Series ⎯ MB90460 series MB90465 series Classification Development/ evaluation product Mass-produced products (Flash ROM) Mass-produced products (Mask ROM) ROM size ⎯ 64 KBytes 128 KBytes 64 KBytes RAM size 8 KBytes 2 KBytes CPU function Number of Instruction : 351 Minimum execution time : 62.5 ns / 4 MHz (PLL × 4) Addressing mode : 23 Data bit length : 1, 8, 16 bits Maximum memory space : 16 MBytes I/O port I/O port (CMOS) : 51 PWC Pulse width counter timer : 2 channels Pulse width counter timer : 1ch Timer function (select the counter timer from three internal clocks) Various Pulse width measuring function (H pulse width, L pulse width, rising edge to falling edge period, falling edge to rising edge period, rising edge to rising edge period and falling edge to falling edge period) UART UART : 2 channels With full-duplex double buffer (8-bit length) Clock asynchronized or clock synchronized transmission (with start and stop bits) can be selectively used Transmission can be one-to-one (bi-directional communication) or one-to-n (Master- Slave communication) 16-bit reload timer Reload timer : 2 channels Reload mode, single-shot mode or event count mode selectable Can be worked with a multi-pulse generator or individually (MB90460 series only) 16-bit PPG timer PPG timer : 3 channels PPG timer : 2ch PWM mode or single-shot mode selectable Can be worked with multi-functional timer / multi-pulse generator (MB90460 series only) or individually Multi-functional timer (for AC/DC motor control) 16-bit free-running timer with up or up/down mode selection and buffer : 1 channel 16-bit output compare : 6 channels 16-bit input capture : 4 channels 16-bit PPG timer : 1 channel Waveform generator (16-bit timer : 3 channels, 3-phase waveform or dead time) Multi-pulse generator (for DC motor control) 16-bit PPG timer : 1 channel Waveform sequencer (includes 16-bit timer with buffer and compare clear function) Not present 16-bit reload timer operation (toggle output, one shot output selectable) Event counter function : 1 channel built-in 8/10-bit A/D converter 8/10-bit resolution (8 channels) Conversion time : Min. 6.13 µs (16 MHz internal clock) |
Similar Part No. - MB90F462A |
|
Similar Description - MB90F462A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |