Electronic Components Datasheet Search |
|
MB90F352TESPMC Datasheet(PDF) 5 Page - Fujitsu Component Limited. |
|
MB90F352TESPMC Datasheet(HTML) 5 Page - Fujitsu Component Limited. |
5 / 92 page MB90350E Series DS07-13744-4E 5 ■ PRODUCT LINEUP1 (Without Clock supervisor function) •Flash memory products (Continued) Part Number Parameter MB90F351E MB90F352E MB90F351TE MB90F352TE MB90F351ES MB90F352ES MB90F351TES MB90F352TES Type Flash memory products CPU F2MC-16LX CPU System clock PLL clock multiplication circuit ( ×1, ×2, ×3, ×4, ×6, 1/2 when PLL stops) Minimum instruction execution time : 42 ns (oscillation clock 4 MHz, PLL × 6) ROM 64 Kbytes Flash memory : MB90F351E(S), MB90F351TE(S) 128 Kbytes Dual operation Flash memory (Erase/write and read can be operated at the same time) : MB90F352E(S), MB90F352TE(S) RAM 4 Kbytes Emulator-specific power supply* ⎯ Sub clock pin (X0A, X1A) (Max 100 kHz) Yes No Clock supervisor No Low voltage/CPU operation detection reset No Yes No Yes Operating voltage 3.5 V to 5.5 V : at normal operating (not using A/D converter) 4.0 V to 5.5 V : at using A/D converter/Flash programming 4.5 V to 5.5 V : at using external bus Operating temperature −40 °C to +125 °C Package LQFP-64 LIN-UART 2 channels Wide range of baud rate settings using a dedicated baud rate generator (reload timer) Special synchronous options for adapting to different synchronous serial protocols LIN functionality working either as master or slave LIN device I2C (400 kbps) 1 channel A/D converter 15 channels 10-bit or 8-bit resolution Conversion time : Min 3 µs includes sample time (per one channel) 16-bit reload timer (2 channels) Operation clock frequency : fsys/21, fsys/23, fsys/25 (fsys = Machine clock frequency) Supports External Event Count function. 16-bit Free-run timer (2 channels) Free-run Timer 0 (clock input FRCK0) corresponds to ICU0/1. Free-run Timer 1 (clock input FRCK1) corresponds to ICU4/5/6/7, OCU4/5/6/7. Signals an interrupt when overflowing. Supports Timer Clear when it matches Output Compare (ch.0, ch.4) . Operation clock frequency : fsys, fsys/21, fsys/22, fsys/23, fsys/24, fsys/25, fsys/26, fsys/27 (fsys = Machine clock frequency) 16-bit output compare 4 channels Signals an interrupt when 16-bit free-run Timer matches with output compare registers. A pair of compare registers can be used to generate an output signal. |
Similar Part No. - MB90F352TESPMC |
|
Similar Description - MB90F352TESPMC |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |