Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90F562B Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # MB90F562B
Description  16-bit Proprietary Microcontrollers
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F562B Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  MB90F562B Datasheet HTML 1Page - Fujitsu Component Limited. MB90F562B Datasheet HTML 2Page - Fujitsu Component Limited. MB90F562B Datasheet HTML 3Page - Fujitsu Component Limited. MB90F562B Datasheet HTML 4Page - Fujitsu Component Limited. MB90F562B Datasheet HTML 5Page - Fujitsu Component Limited. MB90F562B Datasheet HTML 6Page - Fujitsu Component Limited. MB90F562B Datasheet HTML 7Page - Fujitsu Component Limited. MB90F562B Datasheet HTML 8Page - Fujitsu Component Limited. MB90F562B Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 92 page
background image
FUJITSU MICROELECTRONICS
DATA SHEET
Copyright©2001-2008 FUJITSU MICROELECTRONICS LIMITED All rights reserved
2008.9
The information for microcontroller supports is shown in the following homepage.
Be sure to refer to the "Check Sheet" for the latest cautions on development.
"Check Sheet" is seen at the following support page
"Check Sheet" lists the minimal requirement items to be checked to prevent problems beforehand in
system development.
http://edevice.fujitsu.com/micom/en-support/
16-bit Proprietary Microcontrollers
CMOS
F2MC-16LX MB90560/565 Series
MB90561A/562A/F562B/V560/567/568/F568
■ DESCRIPTION
The MB90560/565 series is a general-purpose 16-bit microcontroller designed for industrial, OA, and process
control applications that require high-speed real-time processing. The device features a multi-function timer able
to output a programmable waveform.
The microcontroller instruction set is based on the same AT architecture as the F2MC-8L and F2MC-16L families
with additional instructions for high-level languages, extended addressing modes, enhanced signed multiplication
and division instructions, and a complete range of bit manipulation instructions. The microcontroller has a
32-bit accumulator for processing long word (32-bit) data.
Note: F2MC is the abbreviation of FUJITSU Flexible Microcontroller.
■ FEATURES
•Clock
• Internal oscillator circuit and PLL clock multiplication circuit
• Oscillation clock
Clock speed selectable from either the machine clock, main clock, or PLL clock. The main clock is the oscillation
clock divided into 2 (0.5 MHz to 8 MHz for a 1 MHz to 16 MHz base oscillation) . The PLL clock is the oscillation
clock multiplied by one to four (4 MHz to 16 MHz for a 4 MHz base oscillation) .
• Minimum instruction execution time : 62.5 ns (for oscillation
= 4 MHz, PLL clock setting = × 4, VCC = 5.0 V)
• Maximum CPU memory space : 16 MB
• 24-bit addressing
• Bank addressing
(Continued)
DS07-13715-5E


Similar Part No. - MB90F562B

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F562B FUJITSU-MB90F562B Datasheet
874Kb / 91P
   16-bit Proprietary Microcontrollers
MB90F562B FUJITSU-MB90F562B Datasheet
2Mb / 92P
   16-bit Proprietary Microcontrollers
MB90F562BP FUJITSU-MB90F562BP Datasheet
874Kb / 91P
   16-bit Proprietary Microcontrollers
MB90F562BPF FUJITSU-MB90F562BPF Datasheet
874Kb / 91P
   16-bit Proprietary Microcontrollers
MB90F562BPFM FUJITSU-MB90F562BPFM Datasheet
874Kb / 91P
   16-bit Proprietary Microcontrollers
More results

Similar Description - MB90F562B

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90350E FUJITSU-MB90350E Datasheet
899Kb / 85P
   16-bit Proprietary Microcontrollers
MB90561 FUJITSU-MB90561 Datasheet
874Kb / 91P
   16-bit Proprietary Microcontrollers
MB90565 FUJITSU-MB90565_08 Datasheet
2Mb / 92P
   16-bit Proprietary Microcontrollers
MB90385 FUJITSU-MB90385_08 Datasheet
2Mb / 84P
   16-bit Proprietary Microcontrollers CMOS
MB95100A FUJITSU-MB95100A Datasheet
666Kb / 59P
   8-bit Proprietary Microcontrollers
MB95110M FUJITSU-MB95110M Datasheet
797Kb / 64P
   8-bit Proprietary Microcontrollers
MB95120 FUJITSU-MB95120 Datasheet
776Kb / 67P
   8-bit Proprietary Microcontrollers
MB95130M FUJITSU-MB95130M Datasheet
521Kb / 63P
   8-bit Proprietary Microcontrollers
MB95R203A FUJITSU-MB95R203A Datasheet
339Kb / 56P
   8-bit Proprietary Microcontrollers
MB95100B FUJITSU-MB95100B Datasheet
824Kb / 69P
   8-bit Proprietary Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com