Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90F489BPF Datasheet(PDF) 11 Page - Fujitsu Component Limited.

Part # MB90F489BPF
Description  16-bit Microcontroller
Download  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F489BPF Datasheet(HTML) 11 Page - Fujitsu Component Limited.

Back Button MB90F489BPF Datasheet HTML 7Page - Fujitsu Component Limited. MB90F489BPF Datasheet HTML 8Page - Fujitsu Component Limited. MB90F489BPF Datasheet HTML 9Page - Fujitsu Component Limited. MB90F489BPF Datasheet HTML 10Page - Fujitsu Component Limited. MB90F489BPF Datasheet HTML 11Page - Fujitsu Component Limited. MB90F489BPF Datasheet HTML 12Page - Fujitsu Component Limited. MB90F489BPF Datasheet HTML 13Page - Fujitsu Component Limited. MB90F489BPF Datasheet HTML 14Page - Fujitsu Component Limited. MB90F489BPF Datasheet HTML 15Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 124 page
background image
MB90480B/485B Series
DS07-13722-11E
11
(Continued)
Pin No.
Pin name
I/O
circuit
type*3
Function
QFP*1
LQFP*2
74
72
P54
D
(CMOS)
This is a general purpose I/O port. In external bus mode, when the
HDE bit in the EPCR register is set to “1”, this pin functions as the
HRQ pin.
HRQ
In external bus mode, this pin functions as the hold request input
(HRQ) pin. When the HDE bit in the EPCR register is set to “0”, this
pin functions as a general purpose I/O port.
75
73
P55
D
(CMOS)
This is a general purpose I/O port. In external bus mode, when the
HDE bit in the EPCR register is set to “1”, this pin functions as the
HAK pin.
HAK
In external bus mode, this pin functions as the hold acknowledge
output (HAK) pin. When the HDE bit in the EPCR register is set to
“0”, this pin functions as a general purpose I/O port.
76
74
P56
D
(CMOS)
This is a general purpose I/O port. In external bus mode, when the
RYE bit in the EPCR register is set to “1”, this pin functions as the
RDY pin.
RDY
In external bus mode, this pin functions as the external ready (RDY)
input pin. When the RYE bit in the EPCR register is set to “0”, this
pin functions as a general purpose I/O port.
78
76
P57
D
(CMOS)
This is a general purpose I/O port. In external bus mode, when the
CKE bit in the EPCR register is set to “1”, this pin functions as the
CLK pin.
CLK
In external bus mode, this pin functions as the machine cycle clock
(CLK) output pin. When the CKE bit in the EPCR register is set to
“0”, this pin functions as a general purpose I/O port.
38 to 41 36 to 39
P60 to P63
H
(CMOS)
These are general purpose I/O ports.
AN0 to AN3
These are the analog input pins for A/D converter.
43 to 46 41 to 44
P64 to P67
H
(CMOS)
These are general purpose I/O ports.
AN4 to AN7
These are the analog input pins for A/D converter.
27
25
P70
G
(CMOS/H)
This is a general purpose I/O port.
SIN0
This is the UART serial data input pin.
28
26
P71
F
(CMOS)
This is a general purpose I/O port.
SOT0
This is the UART serial data output pin.
29
27
P72
G
(CMOS/H)
This is a general purpose I/O port.
SCK0
This is the UART serial communication clock I/O pin.
30
28
P73
G
(CMOS/H)
This is a general purpose I/O port.
TIN0
This is the 16-bit reload timer event input pin.
31
29
P74
F
(CMOS)
This is a general purpose I/O port.
TOT0
This is the 16-bit reload timer output pin.


Similar Part No. - MB90F489BPF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F489BPF FUJITSU-MB90F489BPF Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90F489BPF FUJITSU-MB90F489BPF Datasheet
629Kb / 124P
   16-bit Microcontroller
MB90F489BPFV FUJITSU-MB90F489BPFV Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90F489BPF

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com