Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APX825A-44W6G-7 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # APX825A-44W6G-7
Description  PROCESSOR SUPERVISORY CIRCUITS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APX825A-44W6G-7 Datasheet(HTML) 4 Page - Diodes Incorporated

  APX825A-44W6G-7 Datasheet HTML 1Page - Diodes Incorporated APX825A-44W6G-7 Datasheet HTML 2Page - Diodes Incorporated APX825A-44W6G-7 Datasheet HTML 3Page - Diodes Incorporated APX825A-44W6G-7 Datasheet HTML 4Page - Diodes Incorporated APX825A-44W6G-7 Datasheet HTML 5Page - Diodes Incorporated APX825A-44W6G-7 Datasheet HTML 6Page - Diodes Incorporated APX825A-44W6G-7 Datasheet HTML 7Page - Diodes Incorporated APX825A-44W6G-7 Datasheet HTML 8Page - Diodes Incorporated APX825A-44W6G-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
APX823/APX824/APX825A
PROCESSOR SUPERVISORY CIRCUITS
APX823/APX824/APX825A Rev. 3
4 of 12
FEBRUARY 2009
www.diodes.com
© Diodes Incorporated
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VCC
Supply Voltage
1.1
5.5
V
VIN
Input Voltage
0
(VCC+0.3)
V
VIH
High-level Input Voltage at MR and WDI
0.7
×V
CC
-
V
VIL
Low-level Voltage
-
0.3
×V
CC
V
Δt/ΔV
Input Transition Rise and Fall Rate at MR or WDI
-
100
ns/V
TA
Operating Ambient Temperature Range
-40
85
oC
TR
VCC Rising Time (VCC = 0~VT)
-
100
V/ uS
Electrical Characteristics
(Over recommended operating ambient temperature range, unless otherwise noted)
Symbol
Parameter
Test
Conditions
Min
Typ.
Max
Unit
VOH
High-level
Output
Voltage
RESET
APX823/APX824/APX825A
-29/26/23
VCC= VTH-+0.2V
IOH=-20μA
0.8
×V
CC
-
-
V
APX823/APX824/APX825A
-40/31
VCC= VTH-+0.2V
IOH=-30μA
APX823/APX824/APX825A
–46/44
VCC= VTH-+0.2V
IOH=-120μA
VCC-1.5V
-
-
V
RESET
APX824/APX825A
-29/26/23
VCC > 1.8V,
IOH = -100μA
0.8
×V
CC
-
-
V
APX824/APX825A
-46/44/40/31
VCC > 1.8V,
IOH = -150μA
VOL
Low-level
Output
Voltage
RESET
APX824/APX825A
-29/26/23
VCC= VTH-+0.2V
IOL=1mA
-
-
0.4
V
APX824/APX825A -40/31
VCC= VTH-+0.2V
IOL=1.2mA
APX824/APX825A -46/44
VCC= VTH-+0.2V
IOL=3mA
RESET
APX823/APX824/APX825A
-29/26/23
VCC= VTH--0.2V
IOL=1mA
-
-
0.4
V
APX823/APX824/APX825A
-40/31
VCC= VTH--0.2V
IOL=1.2mA
APX823/APX824/APX825A
-46/44
VCC= VTH--0.2V
IOL=3mA
VRESET
Power-up Reset Voltage (see Note 3)
VCC > 1.1V,
IOL=20μA
-
-
0.4
V
Notes:
3. The lowest supply voltage at which
RESET becomes active.
TR , VCC > 15μs/V.


Similar Part No. - APX825A-44W6G-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
APX803 DIODES-APX803 Datasheet
201Kb / 10P
   3-PIN MICROPROCESSOR RESET CIRCUIT
DS32132 Rev. 1 ??2
APX803-23SA DIODES-APX803-23SA Datasheet
113Kb / 11P
   er3-PIN MICROPROCESSOR RESET CIRCUIT
DS32132 Rev. 2 - 2
APX803-23SAG-7 DIODES-APX803-23SAG-7 Datasheet
201Kb / 10P
   3-PIN MICROPROCESSOR RESET CIRCUIT
APX803-23SR DIODES-APX803-23SR Datasheet
113Kb / 11P
   er3-PIN MICROPROCESSOR RESET CIRCUIT
DS32132 Rev. 2 - 2
APX803-23SRG-7 DIODES-APX803-23SRG-7 Datasheet
201Kb / 10P
   3-PIN MICROPROCESSOR RESET CIRCUIT
More results

Similar Description - APX825A-44W6G-7

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3820-XX TI-TPS3820-XX_08 Datasheet
384Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820- TI-TPS3820- Datasheet
217Kb / 14P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-XX-Q1 TI-TPS3820-XX-Q1 Datasheet
225Kb / 13P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-33DBVR TI1-TPS3820-33DBVR Datasheet
837Kb / 20P
[Old version datasheet]   Processor Supervisory Circuits
TPS3820-33-Q1 TI1-TPS3820-33-Q1 Datasheet
280Kb / 15P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-XX TI-TPS3820-XX Datasheet
295Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-33 TI1-TPS3820-33 Datasheet
635Kb / 20P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-33QDBVRQ1 TI1-TPS3820-33QDBVRQ1 Datasheet
236Kb / 14P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
JUNE 2008
TPS3813J25 TI-TPS3813J25 Datasheet
191Kb / 12P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
TPS3813K33-EP TI1-TPS3813K33-EP Datasheet
452Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com