Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90F523BPMC1 Datasheet(PDF) 8 Page - Fujitsu Component Limited.

Part # MB90F523BPMC1
Description  16-bit Microcontroller
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F523BPMC1 Datasheet(HTML) 8 Page - Fujitsu Component Limited.

Back Button MB90F523BPMC1 Datasheet HTML 4Page - Fujitsu Component Limited. MB90F523BPMC1 Datasheet HTML 5Page - Fujitsu Component Limited. MB90F523BPMC1 Datasheet HTML 6Page - Fujitsu Component Limited. MB90F523BPMC1 Datasheet HTML 7Page - Fujitsu Component Limited. MB90F523BPMC1 Datasheet HTML 8Page - Fujitsu Component Limited. MB90F523BPMC1 Datasheet HTML 9Page - Fujitsu Component Limited. MB90F523BPMC1 Datasheet HTML 10Page - Fujitsu Component Limited. MB90F523BPMC1 Datasheet HTML 11Page - Fujitsu Component Limited. MB90F523BPMC1 Datasheet HTML 12Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 104 page
background image
MB90520B Series
8
DS07-13707-5E
■ PIN DESCRIPTIONS
*1 : FPT-120P-M24
*2 : FPT-120P-M13
(Continued)
Pin No.
Pin Name
Circuit
Type
Function
LQFP-120*1
QFP-120*2
92, 93
X0, X1
A
Oscillator pin
74, 73
X0A, X1A
B
Sub-oscillator pin
89 to 87
MD0 to
MD2
C/P
Input pins for setting the operation mode.
Connect directly to VCC or VSS.
MB90522B and MB90523B of mask ROM have a built-in pull down resistor
only for MD2 pin, and the circuit type of MD2 pin is “P”.
90
RST
C/O
External reset input pin
MB90522B and MB90523B of mask ROM have a built-in pull up resistor,
and its circuit type is “O”.
86
HST
C
Hardware standby input pin
95 to 101
P00 to
P06
D
General-purpose I/O ports
The settings in the pull-up resistor setup register (RDR0) are enabled
when ports are set as inputs.
The RDR0 settings are ignored when ports are set as outputs.
INT0 to
INT6
Event input pins for ch.0 to ch.6 of the DTP/external interrupt circuit
102
P07
D
General-purpose I/O port
The settings in the pull-up resistor setup register (RDR0) are enabled when
ports are set as inputs.
The RDR0 settings are ignored when ports are set as outputs.
103 to 110
P10 to
P17
D
General-purpose I/O ports
The settings in the pull-up resistor setup register (RDR1) are enabled when
ports are set as inputs.
The RDR1 settings are ignored when ports are set as outputs.
WI0 to
WI7
Event input pins for the wakeup interrupts.
111, 112,
113, 114
P20, P21,
P22, P23
E
General-purpose I/O ports
IN00, IN01,
IN10, IN11
Trigger input pins for input capture units (ICU) 0 and 1.
Input operates continuously when channels 0 and 1 of input capture units
(ICU) 0 and 1 are operating. Accordingly, output to the pins from other func-
tions that share this pin must be suspended unless performed intentionally.
115
P24
E
General-purpose I/O port
AIN0
Also can be used as the count clock A input to 8/16-bit up/down counter/
timer 0.
116
P25
E
General-purpose I/O port
BIN0
Also can be used as the count clock B input to 8/16-bit up/down counter/
timer 0.


Similar Part No. - MB90F523BPMC1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F523BPFF FUJITSU-MB90F523BPFF Datasheet
978Kb / 99P
   16-bit Proprietary Microcontroller
MB90F523BPFV FUJITSU-MB90F523BPFV Datasheet
978Kb / 99P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90F523BPMC1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com