Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90F463AP-SH Datasheet(PDF) 10 Page - Fujitsu Component Limited.

Part # MB90F463AP-SH
Description  16-bit Proprietary Microcontroller
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F463AP-SH Datasheet(HTML) 10 Page - Fujitsu Component Limited.

Back Button MB90F463AP-SH Datasheet HTML 6Page - Fujitsu Component Limited. MB90F463AP-SH Datasheet HTML 7Page - Fujitsu Component Limited. MB90F463AP-SH Datasheet HTML 8Page - Fujitsu Component Limited. MB90F463AP-SH Datasheet HTML 9Page - Fujitsu Component Limited. MB90F463AP-SH Datasheet HTML 10Page - Fujitsu Component Limited. MB90F463AP-SH Datasheet HTML 11Page - Fujitsu Component Limited. MB90F463AP-SH Datasheet HTML 12Page - Fujitsu Component Limited. MB90F463AP-SH Datasheet HTML 13Page - Fujitsu Component Limited. MB90F463AP-SH Datasheet HTML 14Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 88 page
background image
MB90460/465 Series
10
DS07-13714-2E
(Continued)
Pin No.
Pin
name
I/O
circuit
Function
QFP*2
LQFP*1 SDIP*3
40
39
47
P16
C
General-purpose I/O ports.
INT6
Can be used as interrupt request input channels 6. Input is en-
abled when 1 is set in EN6 in standby mode.
TO0
Event output pin for reload timer 0.
41
40
48
P17
C
General-purpose I/O ports.
FRCK
External clock input pin for free-running timer.
42
41
49
P20
F
General-purpose I/O ports.
TIN1
External clock input pin for reload timer 1.
43
42
50
P21
F
General-purpose I/O ports.
TO1
Event output pin for reload timer 1.
44
43
51
P22
F
General-purpose I/O ports.
PWI1
PWC 1 signal input pin.
45
44
52
P23
F
General-purpose I/O ports.
PWO1
PWC 1 signal output pin.
46 to
49
45 to
48
53 to
56
P24 to
P27
F
General-purpose I/O ports.
IN0 to
IN3
Trigger input pins for input capture channels 0 to 3.
When input capture channels 0 to 3 are used for input operation,
these pins are enabled as required and must not be used for any
other I/P.
51 to
56
50 to
55
58 to
63
P30 to
P35
G
General-purpose I/O ports.
RTO0(U)
to
RTO5 (Z)
Waveform generator output pins. These pins output the wave-
forms specified at the waveform generator. Output is generated
when waveform generator output is enabled. (U) to (Z) show the
coils that control 3-phase motor.
59
58
2
P36
H
General-purpose I/O ports.
PPG1*4
Output pins for PPG channels 1. This function is enabled when
PPG channels 1 enable output.*4
60
59
3
P37
H
General-purpose I/O ports.
PPG0
Output pins for PPG channels 0. This function is enabled when
PPG channels 0 enable output.
61
60
4
P40
F
General-purpose I/O ports.
SIN0
Serial data input pin for UART channel 0. While UART channel
0 is operating for input, the input of this pin is used as required
and must not be used for any other input.
62
61
5
P41
F
General-purpose I/O ports.
SOT0
Serial data output pin for UART channel 0. This function is en-
abled when UART channel 0 enables data output.


Similar Part No. - MB90F463AP-SH

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F463AP-SH FUJITSU-MB90F463AP-SH Datasheet
2Mb / 88P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90F463AP-SH

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com