Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90F474LPFV Datasheet(PDF) 8 Page - Fujitsu Component Limited.

Part # MB90F474LPFV
Description  16-Bit Proprietary Microcontroller
Download  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F474LPFV Datasheet(HTML) 8 Page - Fujitsu Component Limited.

Back Button MB90F474LPFV Datasheet HTML 4Page - Fujitsu Component Limited. MB90F474LPFV Datasheet HTML 5Page - Fujitsu Component Limited. MB90F474LPFV Datasheet HTML 6Page - Fujitsu Component Limited. MB90F474LPFV Datasheet HTML 7Page - Fujitsu Component Limited. MB90F474LPFV Datasheet HTML 8Page - Fujitsu Component Limited. MB90F474LPFV Datasheet HTML 9Page - Fujitsu Component Limited. MB90F474LPFV Datasheet HTML 10Page - Fujitsu Component Limited. MB90F474LPFV Datasheet HTML 11Page - Fujitsu Component Limited. MB90F474LPFV Datasheet HTML 12Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 118 page
background image
MB90470 Series
8
s PIN DESCRIPTION
(Continued)
LQFP : FPT-100P-M05 package
QFP : FPT-100P-M06 package
Pin no.
Pin name
Circuit
type
Description
LQFP
QFP
80
82
X0
A
Oscillator pin
81
83
X1
A
Oscillator pin
78
80
X0A
A
32 kHz oscillator pin
77
79
X1A
A
32 kHz oscillator pin
75
77
RST
B
Reset input pin
83 to 90 85 to 92
P00 to P07
C
(CMOS)
General purpose input/output ports. Set the pull-up resistance
setting register (RDR0) to add pull-up resistance (RD00-RD07
= “1” ) . (Not valid when set for output)
AD00 to AD07
In multiplex mode, these pins function as external address/
data bus lower input/output pins.
D00 to D07
In non-multiplex mode, these pins function as external data
bus lower output pins.
91 to 98
93 to
100
P10 to P17
C
(CMOS)
General purpose input/output ports. Set the pull-up resistance
setting register (RDR1) to add pull-up resistance (RD10-RD17
= “1” ) . (Not valid when set for output)
AD08 to AD15
In multiplex mode, these pins function as external address/
data bus higher input/output pins.
D08 to D15
In non-multiplex mode, these pins function as external data
bus higher output pins.
99
100
1
2
1 to 4
P20 to P23
E
(CMOS/H)
General purpose input/output ports. In external bus mode, pins
for which the corresponding bit in the external address output
control register (HACR) is “1” function as the general purpose
input/output ports.
A16 to A19
In multiplex mode, pins for which the corresponding bit in the
external address output control register (HACR) is “0” function
as the upper address output pins (A16 to A19) .
A16 to A19
In non-multiplex mode, pins for which the corresponding bit in
the external address output control register (HACR) is “0”
function as the upper address output pins (A16 to A19) .
3 to 6
5 to 8
P24 to P27
E
(CMOS/H)
General purpose input/output ports. In external bus mode, pins
for which the corresponding bit in the external address output
control register (HACR) is “1” function as the general purpose
input/output ports.
A20 to A23
In multiplex mode, pins for which the corresponding bit in the
external address output control register (HACR) is “0” function
as the upper address output pins (A20 to A23) .
A20 to A23
In non-multiplex mode, pins for which the corresponding bit in
the external address output control register (HACR) is “0”
function as the upper address output pins (A20 to A23) .
PPG0 to PPG3
PPG timer output pins.


Similar Part No. - MB90F474LPFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F474LPFV FUJITSU-MB90F474LPFV Datasheet
1Mb / 118P
   16-Bit Proprietary Microcontroller
More results

Similar Description - MB90F474LPFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com