Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90F474LPFV Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # MB90F474LPFV
Description  16-Bit Proprietary Microcontroller
Download  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F474LPFV Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  MB90F474LPFV Datasheet HTML 1Page - Fujitsu Component Limited. MB90F474LPFV Datasheet HTML 2Page - Fujitsu Component Limited. MB90F474LPFV Datasheet HTML 3Page - Fujitsu Component Limited. MB90F474LPFV Datasheet HTML 4Page - Fujitsu Component Limited. MB90F474LPFV Datasheet HTML 5Page - Fujitsu Component Limited. MB90F474LPFV Datasheet HTML 6Page - Fujitsu Component Limited. MB90F474LPFV Datasheet HTML 7Page - Fujitsu Component Limited. MB90F474LPFV Datasheet HTML 8Page - Fujitsu Component Limited. MB90F474LPFV Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 118 page
background image
MB90470 Series
4
s PRODUCT LINEUP
(Continued)
Parameter
Part number
MB90F474L
MB90F474H
MB90473
MB90474
ROM capacity
FLASH 256 KB
FLASH 256 KB
MASKROM
128 KB
MASKROM
256 KB
RAM capacity
16 KB
16 KB
10 KB
16 KB
CPU functions
Basic instructions
Instruction bit length
Instruction length
Data bit length
Minimum instruction execution time
: 351
: 8-bit, 16-bit
: 1 byte to 7 bytes
: 1-bit, 8-bit, 16-bit
: 62.5 ns (with 16 MHz machine clock)
Ports
General purpose input/output ports : 84 Max
General purpose input/output ports (CMOS output)
General purpose input/output ports (built-in pull-up resistance)
General purpose input/output ports (N-ch open drain)
UART
Stop-start synchronized : 1 channel
8/16-bit PPG timer
8-bit 6-channel/16-bit 3-channel
8/16-bit up-down counter/timer
Two 8-bit up-down counters with 6 event input pins
Two 8-bit reload/compare registers
16-bit
input/
out-
put
timers
16-bit free-run timer
Channel : 1
Overflow interrupt
Output compare (OCU)
Channels : 6
Pin input source : from compare register match signal
Input capture (ICU)
Channels : 2
Register rewritten from pin input (rising/falling/both edges)
DTP/external interrupt circuit
External interrupt pins : 8 channels (set to edge or level correlation)
I/O expansion serial interface
2-channel, built-in
I2C interface
1-channel, built-in
Time base timer
18-bit counter
Interrupt cycle : 1.0 ms, 4.1 ms, 16.4 ms, 131.1 ms
(minimum times, at base oscillator frequency 4 MHz)
A/D converter
Conversion accuracy : 8/10-bit switchable
Single conversion mode (converts selected channel 1 time only)
Scan conversion mode
(converts multiple consecutive channels, programmable up to 8 channels)
Continuous conversion mode (converts selected channels continuously)
Stop conversion mode (converts selected channel, stops and repeats)
Watchdog timer
Reset interval : 3.58 ms, 14.33 ms, 57.23 ms, 458.75 ms
(minimum times, at base oscillator frequency 4 MHz)
Low power (standby) modes
Sleep, stop, CPU intermittent, watch mode
Process
CMOS
Notes
Flash model, low
voltage version
(f
= 10 MHz or
less at VCC
= 2.4 V)
Flash model, high
voltage version
(f
= 20 MHz)
Mask version
Mask version
Emulator dedicated power supply



Similar Part No. - MB90F474LPFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F474LPFV FUJITSU-MB90F474LPFV Datasheet
1Mb / 118P
   16-Bit Proprietary Microcontroller
More results

Similar Description - MB90F474LPFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com