Electronic Components Datasheet Search |
|
MB90F367ESPMT Datasheet(PDF) 8 Page - Fujitsu Component Limited. |
|
MB90F367ESPMT Datasheet(HTML) 8 Page - Fujitsu Component Limited. |
8 / 64 page MB90360E Series 8 DS07-13746-3E (Continued) Pin No. Pin name I/O circuit type* Function 27 X0 A Oscillation input pin. 28 X1 Oscillation output pin. 29 to 32 P27 to P24 G General-purpose I/O port. The register can be set to select whether to use a pull-up resistor. This function is enabled in single-chip mode. IN3 to IN0 Event input pins for input capture 0 to 3. 33, 34 P23, P22 J General-purpose I/O port. The register can be set to select whether to use a pull-up resistor. This function is enabled in single-chip mode. High current output port. PPGF (E) , PPGD (C) Output pins for PPG. 35, 36 P21, P20 J General-purpose I/O port. The register can be set to select whether to use a pull-up resistor. This function is enabled in single-chip mode. High current output port. 37 P85 K General-purpose I/O port. SIN1 Serial data input pin for LIN-UART1. 38 P87 F General-purpose I/O port. SCK1 Clock I/O pin for LIN-UART1. 39 P86 F General-purpose I/O port. SOT1 Serial data output pin for LIN-UART1. 40 P43 F General-purpose I/O port. TX1 TX output pin for CAN1 interface. 41 P42 F General-purpose I/O port. RX1 RX input pin for CAN1 interface. INT9R External interrupt request input pin for INT9 (Sub) . 42 P83 F General-purpose I/O port. SOT0 Serial data output pin for LIN-UART0. TOT2 Output pin for reload timer 2. 43 P84 F General-purpose I/O port. SCK0 Clock I/O pin for LIN-UART0. INT15R External interrupt request input pin for INT15. |
Similar Part No. - MB90F367ESPMT |
|
Similar Description - MB90F367ESPMT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |