Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90F523B Datasheet(PDF) 9 Page - Fujitsu Component Limited.

Part # MB90F523B
Description  16-bit Microcontroller
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F523B Datasheet(HTML) 9 Page - Fujitsu Component Limited.

Back Button MB90F523B Datasheet HTML 5Page - Fujitsu Component Limited. MB90F523B Datasheet HTML 6Page - Fujitsu Component Limited. MB90F523B Datasheet HTML 7Page - Fujitsu Component Limited. MB90F523B Datasheet HTML 8Page - Fujitsu Component Limited. MB90F523B Datasheet HTML 9Page - Fujitsu Component Limited. MB90F523B Datasheet HTML 10Page - Fujitsu Component Limited. MB90F523B Datasheet HTML 11Page - Fujitsu Component Limited. MB90F523B Datasheet HTML 12Page - Fujitsu Component Limited. MB90F523B Datasheet HTML 13Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 104 page
background image
MB90520B Series
DS07-13707-5E
9
*1 : FPT-120P-M24
*2 : FPT-120P-M13
(Continued)
Pin No.
Pin Name
Circuit
Type
Function
LQFP-120*1
QFP-120*2
117
P26
E
General-purpose I/O port
ZIN0
Also can be used as the control clock Z input to 8/16-bit up/down counter/
timer 0.
INT7
Event input pin for ch.7 of the DTP/external interrupt circuit
118
P27
E
General-purpose I/O port
ADTG
External trigger input to the 8/10-bit A/D converter
Input operates continuously when the 8/10-bit A/D converter is performing
input. Accordingly, output to the pin from other functions that share this
pin must be suspended unless performed intentionally.
120
P30
E
General-purpose I/O port
1
P31
E
General-purpose I/O port
CKOT
Output pin for clock monitor function
The clock monitor is output when clock monitor output is enabled.
2
P32
E
General-purpose I/O port
Only available when waveform output from output compare 0 is disabled.
OUT0
Event output pin for ch.0 of output compare unit 0 (OCU)
Only available when event output is enabled for output compare unit 0.
3
P33
E
General-purpose I/O port
Only available when waveform output from output compare 1 is disabled.
OUT1
Event output pin for ch.1 of output compare unit 0 (OCU)
Only available when event output is enabled for output compare unit 0.
4
P34
E
General-purpose I/O port
Only available when waveform output from output compare 2 is disabled.
OUT2
Event output pin for ch.2 of output compare unit 0 (OCU)
Only available when event output is enabled for output compare unit 0.
5
P35
E
General-purpose I/O port
Only available when waveform output from output compare 3 is disabled.
OUT3
Event output pin for ch.3 of output compare unit 0 (OCU)
Only available when event output is enabled for output compare unit 0.
6
P36
E
General-purpose I/O port
Only available when waveform output from PPG00 is disabled.
PPG00
Output pin for 8/16-bit PPG timer 0
Only available when waveform output is enabled for PPG00.
7
P37
E
General-purpose I/O port
Only available when waveform output from PPG01 is disabled.
PPG01
Output pin for 8/16-bit PPG timer 0
Only available when waveform output is enabled for PPG01.


Similar Part No. - MB90F523B

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F523B FUJITSU-MB90F523B Datasheet
978Kb / 99P
   16-bit Proprietary Microcontroller
MB90F523B FUJITSU-MB90F523B Datasheet
1Mb / 100P
   16-bit Proprietary Microcontroller
MB90F523BPFF FUJITSU-MB90F523BPFF Datasheet
978Kb / 99P
   16-bit Proprietary Microcontroller
MB90F523BPFV FUJITSU-MB90F523BPFV Datasheet
978Kb / 99P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90F523B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com